Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 10Page - STMicroelectronics ST72345 Datasheet HTML 11Page - STMicroelectronics ST72345 Datasheet HTML 12Page - STMicroelectronics ST72345 Datasheet HTML 13Page - STMicroelectronics ST72345 Datasheet HTML 14Page - STMicroelectronics ST72345 Datasheet HTML 15Page - STMicroelectronics ST72345 Datasheet HTML 16Page - STMicroelectronics ST72345 Datasheet HTML 17Page - STMicroelectronics ST72345 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 191 page
background image
ST72340, ST72344, ST72345
14/191
Legend: x=undefined, R/W=read/write
Notes:
1. The contents of the I/O port DR registers are readable only in output configuration. In input configura-
tion, the values of the I/O pins are returned instead of the DR register contents.
2. The bits associated with unavailable pins must always keep their reset value.
3. For a description of the Debug Module registers, see ST7 ICC protocol reference manual.
0058h
0059h
005Ah
005Bh
005Ch
005Dh
005Eh
I2C
I2CCR
I2CSR1
I2CSR2
I2CCCR
I2COAR1
I2COAR2
I2CDR
I2C Control Register
I2C Status Register 1
I2C Status Register 2
I2C Clock Control Register
I2C Own Address Register 1
I2C Own Address Register2
I2C Data Register
00h
00h
00h
00h
00h
40h
00h
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
005Fh
Reserved area (1 byte)
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
I2C3SNS
I2C3SCR1
I2C3SCR2
I2C3SSR
I2C3SBCR
I2C3SSAR1
I2C3SCAR1
I2C3SSAR2
I2C3SCAR2
I2C3SSAR3
I2C3SCAR3
I2C3SNS Control Register 1
I2C3SNS Control Register 2
I2C3SNS Status Register
I2C3SNS Byte Count Register
I2C3SNS Slave Address 1 Register
I2C3SNS Current Address 1 Register
I2C3SNS Slave Address 2 Register
I2C3SNS Current Address 2 Register
I2C3SNS Slave Address 3 Register
I2C3SNS Current Address 3 Register
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
R/W
R/W
Read Only
Read Only
R/W
R/W
R/W
R/W
R/W
R/W
0070h
0071h
0072h
ADC
ADCCSR
ADCDRH
ADCDRL
A/D Control Status Register
A/D Data Register High
A/D Data Low Register
00h
xxh
0000 00xxb
R/W
Read Only
Read Only
0073h to
007Fh
Reserved area (13 bytes)
Address
Block
Register
Label
Register Name
Reset Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com