Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 30Page - STMicroelectronics ST72345 Datasheet HTML 31Page - STMicroelectronics ST72345 Datasheet HTML 32Page - STMicroelectronics ST72345 Datasheet HTML 33Page - STMicroelectronics ST72345 Datasheet HTML 34Page - STMicroelectronics ST72345 Datasheet HTML 35Page - STMicroelectronics ST72345 Datasheet HTML 36Page - STMicroelectronics ST72345 Datasheet HTML 37Page - STMicroelectronics ST72345 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 191 page
background image
ST72340, ST72344, ST72345
34/191
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
7.5.2 Auxiliary Voltage Detector (AVD)
The AVD is used to provide the application with an
early warning of a drop in voltage. If enabled, an
interrupt can be generated allowing software to
shut down safely before the LVD resets the micro-
controller. See Figure 19.
The AVD function is active only if the LVD is ena-
bled through the option byte (see Section 15.1 on
page 181). The activation level of the AVD is fixed
at around 0.5 mV above the selected LVD thresh-
old.
In the case of a drop in voltage below VIT-(PVD), the
AVDF flag is set and an interrupt request is issued.
If VDD rises above the VIT+(AVD) threshold voltage
the AVDF bit is cleared automatically by hardware.
No interrupt is generated, and therefore software
should poll the AVDF bit to detect when the volt-
age has risen, and resume normal processing.
Figure 19. Using the AVD to Monitor VDD
VDD
VIT-(AVD)
AVDF bit
0
RESET VALUE
IF AVDIE bit = 1
AVD INTERRUPT
REQUEST
INTERRUPT PROCESS
VIT-(LVD)
LVD RESET
Early Warning Interrupt
(Power has dropped, MCU not
not yet in reset)
1
0
1
VIT+(AVD)
Vhys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com