Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 103Page - STMicroelectronics ST72345 Datasheet HTML 104Page - STMicroelectronics ST72345 Datasheet HTML 105Page - STMicroelectronics ST72345 Datasheet HTML 106Page - STMicroelectronics ST72345 Datasheet HTML 107Page - STMicroelectronics ST72345 Datasheet HTML 108Page - STMicroelectronics ST72345 Datasheet HTML 109Page - STMicroelectronics ST72345 Datasheet HTML 110Page - STMicroelectronics ST72345 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 191 page
background image
ST72340, ST72344, ST72345
107/191
SCI SERIAL COMMUNICATION INTERFACE (Cont’d)
11.5.4.9 Clock Deviation Causes
The causes which contribute to the total deviation
are:
–DTRA: Deviation due to transmitter error (Local
oscillator error of the transmitter or the trans-
mitter is transmitting at a different baud rate).
–DQUANT: Error due to the baud rate quantiza-
tion of the receiver.
–DREC: Deviation of the local oscillator of the
receiver: This deviation can occur during the
reception of one complete SCI message as-
suming that the deviation has been compen-
sated at the beginning of the message.
–DTCL: Deviation due to the transmission line
(generally due to the transceivers)
All the deviations of the system should be added
and compared to the SCI clock tolerance:
DTRA + DQUANT + DREC + DTCL < 3.75%
11.5.4.10 Noise Error Causes
See also description of Noise error in Section
0.1.4.3 .
Start bit
The noise flag (NF) is set during start bit reception
if one of the following conditions occurs:
1. A valid falling edge is not detected. A falling
edge is considered to be valid if the three con-
secutive samples before the falling edge occurs
are detected as '1' and, after the falling edge
occurs, during the sampling of the 16 samples,
if one of the samples numbered 3, 5 or 7 is
detected as a “1”.
2. During sampling of the 16 samples, if one of the
samples numbered 8, 9 or 10 is detected as a
“1”.
Therefore, a valid Start Bit must satisfy both the
above conditions to prevent the Noise Flag getting
set.
Data Bits
The noise flag (NF) is set during normal data bit re-
ception if the following condition occurs:
– During the sampling of 16 samples, if all three
samples numbered 8, 9 and 10 are not the same.
The majority of the 8th, 9th and 10th samples is
considered as the bit value.
Therefore, a valid Data Bit must have samples 8, 9
and 10 at the same value to prevent the Noise
Flag getting set.
Figure 63. Bit Sampling in Reception Mode
RDI LINE
Sample
clock
12345678910
11
12
13
14
15
16
sampled values
One bit time
6/16
7/16
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com