Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 109Page - STMicroelectronics ST72345 Datasheet HTML 110Page - STMicroelectronics ST72345 Datasheet HTML 111Page - STMicroelectronics ST72345 Datasheet HTML 112Page - STMicroelectronics ST72345 Datasheet HTML 113Page - STMicroelectronics ST72345 Datasheet HTML 114Page - STMicroelectronics ST72345 Datasheet HTML 115Page - STMicroelectronics ST72345 Datasheet HTML 116Page - STMicroelectronics ST72345 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 191 page
background image
ST72340, ST72344, ST72345
113/191
SCI SERIAL COMMUNICATION INTERFACE (Cont’d)
EXTENDED RECEIVE PRESCALER DIVISION
REGISTER (SCIERPR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = ERPR[7:0] 8-bit Extended Receive
Prescaler Register.
The extended Baud Rate Generator is activated
when a value other than 00h is stored in this regis-
ter. The clock frequency from the 16 divider (see
Figure 3) is divided by the binary factor set in the
SCIERPR register (in the range 1 to 255).
The extended baud rate generator is not active af-
ter a reset.
EXTENDED TRANSMIT PRESCALER DIVISION
REGISTER (SCIETPR)
Read/Write
Reset Value:0000 0000 (00h)
Bits 7:0 = ETPR[7:0] 8-bit Extended Transmit
Prescaler Register.
The extended Baud Rate Generator is activated
when a value other than 00h is stored in this regis-
ter. The clock frequency from the 16 divider (see
Figure 3) is divided by the binary factor set in the
SCIETPR register (in the range 1 to 255).
The extended baud rate generator is not active af-
ter a reset.
Table 22. Baud Rate Selection
70
ERPR
7
ERPR
6
ERPR
5
ERPR
4
ERPR
3
ERPR
2
ERPR
1
ERPR
0
70
ETPR
7
ETPR
6
ETPR
5
ETPR
4
ETPR
3
ETPR
2
ETPR
1
ETPR
0
Symbol
Parameter
Conditions
Standard
Baud
Rate
Unit
fCPU
Accuracy vs.
Standard
Prescaler
fTx
fRx
Communication
frequency
8MHz
~0.16%
Conventional Mode
TR (or RR) = 128, PR = 13
TR (or RR) = 32, PR = 13
TR (or RR) = 16, PR =13
TR (or RR) = 8, PR = 13
TR (or RR) = 4, PR = 13
TR (or RR) = 16, PR = 3
TR (or RR) = 2, PR = 13
TR (or RR) = 1, PR = 13
300
1200
2400
4800
9600
10400
19200
38400
~300.48
~1201.92
~2403.84
~4807.69
~9615.38
~10416.67
~19230.77
~38461.54
Hz
~0.79%
Extended Mode
ETPR (or ERPR) = 35,
TR (or RR) = 1, PR = 1
14400 ~14285.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com