Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 130Page - STMicroelectronics ST72345 Datasheet HTML 131Page - STMicroelectronics ST72345 Datasheet HTML 132Page - STMicroelectronics ST72345 Datasheet HTML 133Page - STMicroelectronics ST72345 Datasheet HTML 134Page - STMicroelectronics ST72345 Datasheet HTML 135Page - STMicroelectronics ST72345 Datasheet HTML 136Page - STMicroelectronics ST72345 Datasheet HTML 137Page - STMicroelectronics ST72345 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 191 page
background image
ST72340, ST72344, ST72345
134/191
I2C3S INTERFACE (Cont’d)
11.7.5.4 Rollover Handling
The RAM buffer of each slave is divided into pages
whose length is defined according to PL1:0 bits in
I2C3SCR1. Rollover takes place in these pages as
described below.
In the case of Page Write, if the number of data
bytes transmitted is more than the page length, the
current address will roll over to the first byte of the
current page and the previous data will be
overwritten. This page size is configured using
PL[1:0] bit in the I2C3SCR1 register.
In case of Sequential Read, if the current address
register value reaches the memory address limit
the address will roll over to the first address of the
reserved area for the respective slave.
There is no status flag to indicate the roll over.
Note:
The reserved areas for slaves 1 and 2 have a limit
of 256 bytes. The area for slave 3 is 128 bytes.
The MSB of the address is hardwired, the
addressing master therefore needs to send only
an 8 bit address.
The page boundaries are defined based on page
size
configuration
using
PL[1:0]
bit
in
the
I2C3SCR1 register. If an 8-byte page size is
selected, the upper 5 bits of the RAM address are
fixed and the lower 3 bits are incremented. For
example, if the page write starts at register
address 0x0C, the write will follow the sequence
0x0C, 0x0D, 0x0E, 0x0F, 0x08, 0x09, 0x0A, 0x0B.
If a 16-byte page size is selected, the upper 4 bits
of the RAM address are fixed and the lower 4 bits
are incremented. For example if the page write
starts at register address 0x0C, the write will follow
the sequence 0x0C, 0x0D, 0x0E, 0x0F, 0x00,
0x01, etc.
11.7.5.5 Error Conditions
– BERR: Detection of a Stop or a Start condition
during a byte transfer. In this case, the BERR bit
is set by hardware with an interrupt if ITER is set.
During a stop condition, the interface discards
the data, releases the lines and waits for another
Start condition. However, a BERR on a Start
condition will result in the interface discarding the
data and waiting for the next slave address on
the bus.
– NACK: Detection of a non-acknowledge bit not
followed by a Stop condition. In this case, NACK
bit is set by hardware with an interrupt if ITER is
set.
Figure 72. Transfer Sequencing
Legend: S=Start, P=Stop, A=Acknowledge, NA=Non-acknowledge,
WF = WF event, WFx bit is set (with interrupt if ITWEx=1, after Stop or Restart conditions), cleared by
reading the I2C3SSR register while no communication is ongoing.
RF = RF event, RFx is set (with interrupt if ITREx=1, after Stop or Restart conditions) , cleared by reading
the I2C3SSR register while no communication is ongoing.
BusyW = BusyW flag in the I2C3CR2 register set, cleared by software writing 0.
Note: The I2C3S supports a repeated start (Sr) in place of a stop condition (P).
7-bit Slave receiver:
7-bit Slave transmitter:
S Address
A
Data1
A
Data2
A
.....
DataN
A
P
WF
BusyW
S Address
A
Data1
A
Data2
A
.....
DataN
NA P
RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com