Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150AND Datasheet(PDF) 75 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 75 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 71Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 72Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 73Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 74Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 75Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 79Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 75 of 111
APRIL 2006 – Revision 1.1
P_CBE [3:0]
Command
Action
0001
Special Cycle
Do not claim. Ignore.
0010
I/O Read
1. If address is within pass through I/O range, claim and pass
through.
2. Otherwise, do not pass through and do not claim for
internal access.
0011
I/O Write
Same as I/O Read.
0100
Reserved
-----
0101
Reserved
-----
0110
Memory Read
1. If address is within pass through memory range, claim and
pass through.
2. If address is within pass through memory mapped I/O
range, claim and pass through.
3. Otherwise, do not pass through and do not claim for
internal access.
0111
Memory Write
Same as Memory Read.
1000
Reserved
-----
1001
Reserved
-----
1010
Configuration Read
Type 0 Configuration Read:
If the bridge’s IDSEL line is asserted, perform function
decode and claim if target function is implemented.
Otherwise, ignore. If claimed, permit access to target
function’s configuration registers. Do not pass through
under any circumstances.
Type 1 Configuration Read:
1. If the target bus is the bridge’s secondary bus: claim and
pass through as a Type 0 Configuration Read.
2. If the target bus is a subordinate bus that exists behind the
bridge (but not equal to the secondary bus): claim and pass
through as a Type 1 Configuration Read.
3. Otherwise, ignore.
1011
Configuration Write
Type 0 Configuration Write: same as Configuration
Read.
Type 1 Configuration Write (not special cycle request):
1. If the target bus is the bridge’s secondary bus: claim and
pass through as a Type 0 Configuration Write
2. If the target bus is a subordinate bus that exists behind the
bridge (but not equal to the secondary bus): claim and pass
through unchanged as a Type 1 Configuration Write.
3. Otherwise, ignore.
Configuration Write as Special Cycle Request
(device = 1Fh, function = 7h)
1. If the target bus is the bridges secondary bus:
claim and pass through as a special cycle.
2. If the target bus is a subordinate bus that exists
behind the bridge (but not equal to the secondary
bus): claim and pass through unchanged as a type
1 Configuration Write.
3. Otherwise ignore
1100
Memory Read
Multiple
Same as Memory Read
1101
Dual Address Cycle
Supported
1110
Memory Read Line
Same as Memory Read
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com