Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150AND Datasheet(PDF) 23 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 23 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 27Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 23 of 111
APRIL 2006 – Revision 1.1
If either of the lowest two address bits is non-zero, PI7C8150A automatically disconnects
the transaction after the first data transfer.
3.3
DEVICE SELECT (DEVSEL_L) GENERATION
PI7C8150A always performs positive address decoding (medium decode) when accepting
transactions on either the primary or secondary buses. PI7C8150A never does subtractive
decode.
3.4
DATA PHASE
The address phase of a PCI transaction is followed by one or more data phases.
A data phase is completed when IRDY_L and either TRDY_L or STOP_L are asserted.
A transfer of data occurs only when both IRDY_L and TRDY_L are asserted during the
same PCI clock cycle. The last data phase of a transaction is indicated when FRAME_L is
de-asserted and both TRDY_L and IRDY_L are asserted, or when IRDY_L and STOP_L
are asserted. See Section 3.8 for further discussion of transaction termination.
Depending on the command type, PI7C8150A can support multiple data phase
PCI transactions. For detailed descriptions of how PI7C8150A imposes disconnect
boundaries, see Section 3.5.4 for write address boundaries and Section 3.6.3 read address
boundaries.
3.5
WRITE TRANSACTIONS
Write transactions are treated as either posted write or delayed write transactions.
Table 3-2 shows the method of forwarding used for each type of write operation.
Table 3-2. Write Transaction Forwarding
Type of Transaction
Type of Forwarding
Memory Write
Posted (except VGA memory)
Memory Write and Invalidate
Posted
Memory Write to VGA memory
Delayed
I/O Write
Delayed
Type 1 Configuration Write
Delayed
3.5.1
MEMORY WRITE TRANSACTIONS
Posted write forwarding is used for “Memory Write” and “Memory Write and Invalidate”
transactions.
When PI7C8150A determines that a memory write transaction is to be forwarded across
the bridge, PI7C8150A asserts DEVSEL_L with medium timing and TRDY_L
in the next cycle, provided that enough buffer space is available in the posted memory
write queue for the address and at least one DWORD of data. Under
this condition, PI7C8150A accepts write data without obtaining access to the target bus.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com