Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150AND Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 11 of 111
APRIL 2006 – Revision 1.1
1
INTRODUCTION
Product Description
The PI7C8150A is an enhanced PCI-to-PCI Bridge is designed to be fully compliant with
the PCI Local Bus Specification Revision 2.3. Both the primary and secondary interfaces
are specified to run at 32-bits and up to 66MHz (33MHz for PI7C8150A-33).
Product Features
•
32-bit Primary and Secondary Ports run up to 66MHz (33MHz for PI7C8150A-33)
•
Compliant with the PCI Local Bus Specification, Revision 2.3
•
Compliant with PCI-to-PCI Bridge Architecture Specification, Revision 1.1.
•
All I/O and memory commands
−
Type 1 to Type 0 configuration conversion
−
Type 1 to Type 1 configuration forwarding
−
Type 1 configuration write to special cycle conversion
•
Compliant with the Advanced Configuration Power Interface (ACPI) Specification.
•
Compliant with the PCI Power Management Specification, Revision 1.0.
•
Synchronous operation support
•
Provides internal arbitration for one set of nine secondary bus masters
−
Programmable 2-level priority arbiter
−
Disable control for use of external arbiter
•
Supports posted write buffers in all directions
•
Four 128 byte FIFO’s for delay transactions
•
Two 128 byte FIFO’s for posted memory transactions
•
Enhanced address decoding
•
Extended Commercial temperature range 0°C to 85°C
•
IEEE 1149.1 JTAG interface support
•
3.3V core; 3.3V and 5V signaling
•
208-pin FQFP and 256-pin PBGA
−
Pb-free & Green available
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com