Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150AND Datasheet(PDF) 17 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 17 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 21Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 17 of 111
APRIL 2006 – Revision 1.1
MS0, MS1
155, 106
B14, R16
I
Mode Selection: Reserved for future features.
MS0
MS1
Description
0
0
RESERVED
0
1
RESERVED
1
0
Normal operation
1
1
RESERVED
MS0 should be set to 1 and MS1 should be set to 0 for
normal operation.
2.2.5
GENERAL PURPOSE I/O INTERFACE SIGNALS
Name
Pin #
Pin #
Type
Description
GPIO[3:0]
24, 25, 27, 28
J3, J2, J1, K1
TS
General Purpose I/O Data Pins: The 4 general-
purpose signals are programmable as either input-only
or bi-directional signals by writing the GPIO output
enable control register in the configuration space.
2.2.6
JTAG BOUNDARY SCAN SIGNALS
Name
Pin #
Pin #
Type
Description
TCK
133
H15
I
Test Clock. Used to clock state information and data
into and out of the PI7C8150A during boundary scan.
TMS
132
H14
I
Test Mode Select. Used to control the state of the Test
Access Port controller.
TDO
130
H16
O
Test Data Output. When SCAN_EN_H is HIGH, it is
used (in conjunction with TCK) to shift data out of the
Test Access Port (TAP) in a serial bit stream.
TDI
129
J15
I
Test Data Input. When SCAN_EN_H is HIGH, it is
used (in conjunction with TCK) to shift data and
instructions into the Test Access Port (TAP) in a serial
bit stream.
TRST_L
134
G15
I
Test Reset. Active LOW signal to reset the Test Access
Port (TAP) controller into an initialized state.
2.2.7
POWER AND GROUND
Name
Pin #
Pin #
Type
Description
VDD
1, 26, 34, 40, 51,
53, 56, 62, 69, 75,
81, 91, 97, 103,
105, 108, 114,
120, 131, 139,
145, 151, 157,
163, 170, 178,
184, 190, 196,
202, 208
A3, C4, C15,
D7, D8, D9,
D10, E6, E7,
E8, E9, E10,
E11, F5, F12,
G4, G5, G12,
G13, H4, H5,
H12, H13, J4,
J5, J12, J13,
K4, K5, K12,
K13, L5, L12,
M6, M7, M8,
M9, M10, M11,
N7, N8, N9,
N10, P13, P15,
R3, T3
P
Power: +3.3V Digital power.
VSS
12, 20, 31, 37, 48,
52, 54, 59, 66, 72,
A1, A16, B1,
B2, B15, C3,
P
Ground: Digital ground.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com