Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150AND Datasheet(PDF) 88 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 88 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 84Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 85Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 86Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 87Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 88Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 89Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 90Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 91Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 92Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 88 of 111
APRIL 2006 – Revision 1.1
Bit
Function
Type
Description
10:9
Test Mode For
All Counters at P
and S1
R/O
Controls the testability of the bridge’s internal counters.
The bits are used for chip test only.
00: all bits are exercised
01: byte 1 is exercised
10: byte 2 is exercised
11: byte 3 is exercised
Reset to 0
15:11
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0.
14.1.30
ARBITER CONTROL REGISTER – OFFSET 40h
Bit
Function
Type
Description
24:16
Arbiter Control
R/W
Each bit controls whether a secondary bus master is assigned to the
high priority group or the low priority group.
Bits [24:16] correspond to request inputs S_REQ_L[8:0]
respectively.
Bit 24 corresponds to S_REQ_L[8]
Bit 16 corresponds to S_REQ_L[0]
0: low priority
1: high priority
Reset to 0
25
Priority of
Secondary
Interface
R/W
Controls whether the secondary interface of the bridge is in the high
priority group or the low priority group.
0: low priority
1: high priority
Reset to 1
31:26
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0.
14.1.31
EXTENDED CHIP CONTROL REGISTER – OFFSET 48h
Bit
Function
Type
Description
0
Memory Read
Flow Through
Enable
R/W
Controls ability to do memory read flow through
0: Disable flow through during a memory read transaction
1: Enable flow through during a memory read transaction
Reset to 0
1
Park
R/W
Controls bus arbiter’s park function
0: Park to last master
1: Park to bridge
Reset to 0
15:2
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com