Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150AND Datasheet(PDF) 22 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 22 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 26Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 22 of 111
APRIL 2006 – Revision 1.1
3.1
TYPES OF TRANSACTIONS
This section provides a summary of PCI transactions performed by PI7C8150A.
Table 3-1 lists the command code and name of each PCI transaction. The Master and
Target columns indicate support for each transaction when PI7C8150A initiates
transactions as a master, on the primary (P) and secondary (S) buses, and when PI7C8150A
responds to transactions as a target, on the primary (P) and secondary (S) buses.
Table 3-1. PCI Transactions
Types of Transactions
Initiates as Master
Responds as Target
Primary
Secondary
Primary
Secondary
0000
Interrupt Acknowledge
N
N
N
N
0001
Special Cycle
Y
Y
N
N
0010
I/O Read
Y
Y
Y
Y
0011
I/O Write
Y
Y
Y
Y
0100
Reserved
N
N
N
N
0101
Reserved
N
N
N
N
0110
Memory Read
Y
Y
Y
Y
0111
Memory Write
Y
Y
Y
Y
1000
Reserved
N
N
N
N
1001
Reserved
N
N
N
N
1010
Configuration Read
N
Y
Y
N
1011
Configuration Write
Y (Type 1 only)
Y
Y
Y (Type 1 only)
1100
Memory Read Multiple
Y
Y
Y
Y
1101
Dual Address Cycle
Y
Y
Y
Y
1110
Memory Read Line
Y
Y
Y
Y
1111
Memory Write and Invalidate
Y
Y
Y
Y
As indicated in Table 3-1, the following PCI commands are not supported by
PI7C8150A:
PI7C8150A never initiates a PCI transaction with a reserved command code and, as
a target, PI7C8150A ignores reserved command codes.
PI7C8150A does not generate interrupt acknowledge transactions. PI7C8150A
ignores interrupt acknowledge transactions as a target.
PI7C8150A does not respond to special cycle transactions. PI7C8150A cannot
guarantee delivery of a special cycle transaction to downstream buses because of the
broadcast nature of the special cycle command and the inability to control the
transaction as a target. To generate special cycle transactions on other PCI buses,
either upstream or downstream, Type 1 configuration write must be used.
PI7C8150A neither generates Type 0 configuration transactions on the primary PCI
bus nor responds to Type 0 configuration transactions on the secondary PCI buses.
3.2
SINGLE ADDRESS PHASE
A 32-bit address uses a single address phase. This address is driven on P_AD[31:0], and
the bus command is driven on P_CBE[3:0]. PI7C8150A supports the linear increment
address mode only, which is indicated when the lowest two address bits are equal to zero.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com