Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C8150AND Datasheet(PDF) 25 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 25 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 29Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 25 of 111
APRIL 2006 – Revision 1.1
If offset 74h bits [8:7] = 00, the PI7C8150A converts Memory Write and Invalidate
transactions to Memory Write transactions at the destination.
If the value in the cache line size register does meet the memory write and invalidate
conditions, the PI7C8150A returns a target disconnect to the initiator on a cache line
boundary.
3.5.3
DELAYED WRITE TRANSACTIONS
Delayed write forwarding is used for I/O write transactions and Type 1 configuration write
transactions.
A delayed write transaction guarantees that the actual target response is returned back to
the initiator without holding the initiating bus in wait states.
A delayed write transaction is limited to a single DWORD data transfer.
When a write transaction is first detected on the initiator bus, and PI7C8150A forwards it
as a delayed transaction, PI7C8150A claims the access by asserting DEVSEL_L and
returns a target retry to the initiator. During the address phase, PI7C8150A samples the bus
command, address, and address parity one cycle later. After IRDY_L is asserted,
PI7C8150A also samples the first data DWORD, byte enable bits, and data parity. This
information is placed into the delayed transaction queue. The transaction is queued only if
no other existing delayed transactions have the same address and command, and if the
delayed transaction queue is not full. When the delayed write transaction moves to the head
of the delayed transaction queue and all ordering constraints with posted data are satisfied.
The PI7C8150A initiates the transaction on the target bus. PI7C8150A transfers the write
data to the target. If PI7C8150A receives a target retry in response to the write transaction
on the target bus, it continues to repeat the write transaction until the data transfer is
completed, or until an error condition is encountered.
If PI7C8150A is unable to deliver write data after 2
24 (default) or 232 (maximum) attempts,
PI7C8150A will report a system error. PI7C8150A also asserts P_SERR_L if the primary
SERR_L enable bit is set in the command register. See Section 6.4 for information on the
assertion of P_SERR_L. When the initiator repeats the same write transaction (same
command, address, byte enable bits, and data), and the completed delayed transaction is at
the head of the queue, the PI7C8150A claims the access by asserting DEVSEL_L and
returns TRDY_L to the initiator, to indicate that the write data was transferred. If the
initiator requests multiple DWORD, PI7C8150A also asserts STOP_L in conjunction with
TRDY_L to signal a target disconnect. Note that only those bytes of write data with valid
byte enable bits are compared. If any of the byte enable bits are turned off (driven HIGH),
the corresponding byte of write data is not compared.
If the initiator repeats the write transaction before the data has been transferred to the
target, PI7C8150A returns a target retry to the initiator. PI7C8150A continues to return a
target retry to the initiator until write data is delivered to the target, or until an error
condition is encountered. When the write transaction is repeated, PI7C8150A does not
make a new entry into the delayed transaction queue. Section 3.8.3.1 provides detailed
information about how PI7C8150A responds to target termination during delayed write
transactions.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com