Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P3018A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD75P3018A Datasheet HTML 1Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 2Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 3Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 4Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 5Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 6Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 7Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 8Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
DESCRIPTION
The
µPD75P3018A replaces the µPD753017A’s internal mask ROM with a one-time PROM, and features expanded
ROM capacity. The
µPD75P3018A inherits the function of the µPD75P3018, and enables high-speed operation at
a low supply voltage of 1.8 V.
Because the
µPD75P3018A supports programming by users, it is suitable for use in evaluation of systems in
development stages using the
µPD753012A, 753016A, or 753017A, and for use in small-scale production.
The following document describes further details of the functions. Please make sure to read this document
before starting design.
µPD753017 User’s Manual : U11282E
FEATURES
Compatible with
µPD753017A
Memory capacity:
• PROM : 32768
× 8 bits
• RAM
: 1024
× 4 bits
Can operate in the same power supply voltage as the mask version
µPD753017A
• VDD = 1.8 to 5.5 V
LCD controller/driver
ORDERING INFORMATION
Part Number
Package
µPD75P3018AGC-3B9
80-pin plastic QFP (14
× 14 mm, resin thickness 2.7 mm)
µPD75P3018AGC-3B9-A
80-pin plastic QFP (14
× 14 mm, resin thickness 2.7 mm)
µPD75P3018AGC-8BT
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
µPD75P3018AGC-8BT-A
80-pin plastic QFP (14
× 14 mm, resin thickness 1.4 mm)
µPD75P3018AGK-BE9
80-pin plastic TQFP (fine pitch) (12
× 12 mm, resin thickness 1.05 mm)
µPD75P3018AGK-9EU
80-pin plastic TQFP (fine pitch) (12
× 12 mm, resin thickness 1.00 mm)
µPD75P3018AGK-9EU-A
80-pin plastic TQFP (fine pitch) (12
× 12 mm, resin thickness 1.00 mm)
Caution
Mask-option pull-up resistors are not provided in this device.
Remark
Products with "-A" at the end of the part number are lead-free products.
µPD75P3018A
MOS INTEGRATED CIRCUIT
4-BIT SINGLE-CHIP MICROCONTROLLER
The mark
shows major revised points.
Document No. U11917EJ2V1DS00 (2nd edition)
Date Published August 2005 N CP (K)
Printed in Japan
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com