Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P3018A Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 28Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 29Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 30Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 31Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 32Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 33Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 34Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 35Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
µPD75P3018A
30
Data Sheet U11917EJ2V1DS
8. ONE-TIME PROM (PROGRAM MEMORY) WRITE AND VERIFY
The program memory contained in the
µPD75P3018A is a 32768 × 8-bit one-time PROM that can be electrically written
one time only. The pins listed in the table below are used for this one-time PROM’s write/verify operations. Clock input
from the X1 pin is used instead of address input as a method for updating addresses.
Pin
Function
VPP
Pin where program voltage is applied during program memory
write/verify (usually VDD potential)
X1, X2
Clock input pins for address updating during program memory
write/verify. Input the X1 pin’s inverted signal to the
X2 pin.
MD0-MD3
Operation mode selection pin for program memory write/verify
D0/P40 to D3/P43
8-bit data I/O pins for program memory write/verify
(low-order 4 bits)
D4/P50 to D7/P53
(high-order 4 bits)
VDD
Pin where power supply voltage is applied.
Applies VDD = 1.8 to 5.5 V in normal operation mode and +6 V
for program memory write/verify.
Caution
Pins not used for program memory write/verify should be connected to VSS via a resistor individually.
8.1 Operation Modes for Program Memory Write/Verify
When +6 V is applied to the VDD pin and +12.5 V to the VPP pin, the
µPD75P3018A enters the program memory write/verify
mode. The following operation modes can be specified by setting pins MD0 to MD3 as shown below.
Operation Mode Specification
Operation Mode
VPP
VDD
MD0
MD1
MD2
MD3
+12.5 V
+6 V
H
L
H
L
Zero-clear program memory address
LH
HH
Write mode
LLH
H
Verify mode
HX
HH
Program inhibit mode
X: L or H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com