Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P3018A Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 24Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 25Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 26Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 27Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 28Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 29Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 30Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 31Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
µPD75P3018A
26
Data Sheet U11917EJ2V1DS
Instruction
Mnemonic
Operand
No. of Machine
Operation
Addressing
Skip
Group
Bytes
Cycle
Area
Condition
Comparison
SKE
reg, #n4
2
2+S
Skip if reg=n4
reg=n4
@HL, #n4
2
2+S
Skip if (HL)=n4
*1
(HL)=n4
A, @HL
1
1+S
Skip if A=(HL)
*1
A=(HL)
XA, @HL
2
2+S
Skip if XA=(HL)
*1
XA=(HL)
A, reg
2
2+S
Skip if A=reg
A=reg
XA, rp’
2
2+S
Skip if XA=rp’
XA=rp’
Carry flag
SET1
CY
1
1
CY
← 1
manipulation
CLR1
CY
1
1
CY
← 0
SKT
CY
1
1+S
Skip if CY=1
CY=1
NOT1
CY
1
1
CY
← CY
Memory bit
SET1
mem.bit
2
2
(mem.bit)
← 1*3
manipulation
fmem.bit
2
2
(fmem.bit)
1
*4
pmem.@L
2
2
(pmem7-2+L3-2.bit(L1-0))
1*5
@H+mem.bit
2
2
(H+mem3-0.bit)
1*1
CLR1
mem.bit
2
2
(mem.bit)
0*3
fmem.bit
2
2
(fmem.bit)
0*4
pmem.@L
2
2
(pmem7-2+L3-2.bit(L1-0))
0*5
@H+mem.bit
2
2
(H+mem3-0.bit)
0*1
SKT
mem.bit
2
2+S
Skip if(mem.bit)=1
*3
(mem.bit)=1
fmem.bit
2
2+S
Skip if(fmem.bit)=1
*4
(fmem.bit)=1
pmem.@L
2
2+S
Skip if(pmem7-2+L3-2.bit(L1-0))=1
*5
(pmem.@L)=1
@H+mem.bit
2
2+S
Skip if(H+mem3-0.bit)=1
*1
(@H+mem.bit)=1
SKF
mem.bit
2
2+S
Skip if(mem.bit)=0
*3
(mem.bit)=0
fmem.bit
2
2+S
Skip if(fmem.bit)=0
*4
(fmem.bit)=0
pmem.@L
2
2+S
Skip if(pmem7-2+L3-2.bit(L1-0))=0
*5
(pmem.@L)=0
@H+mem.bit
2
2+S
Skip if(H+mem3-0.bit)=0
*1
(@H+mem.bit)=0
SKTCLR
fmem.bit
2
2+S
Skip if(fmem.bit)=1 and clear
*4
(fmem.bit)=1
pmem.@L
2
2+S
Skip if(pmem7-2+L3-2.bit (L1-0))=1 and clear
*5
(pmem.@L)=1
@H+mem.bit
2
2+S
Skip if(H+mem3-0.bit)=1 and clear
*1
(@H+mem.bit)=1
AND1
CY, fmem.bit
2
2
CY
← CY (fmem.bit)
*4
CY, pmem.@L
2
2
CY
← CY (pmem7-2+L3-2.bit(L1-0))
*5
CY, @H+mem.bit
2
2
CY
← C (H+mem3-0.bit)
*1
OR1
CY, fmem.bit
2
2
CY
← CY ∨ (fmem.bit)
*4
CY, pmem.@L
2
2
CY
← CY ∨ (pmem7-2+L3-2.bit(L1-0))
*5
CY, @H+mem.bit
2
2
CY
← CY ∨ (H+mem3-0.bit)
*1
XOR1
CY, fmem.bit
2
2
CY
← CY ∨ (fmem.bit)
*4
CY, pmem.@L
2
2
CY
← CY ∨ (pmem7-2+L3-2.bit(L1-0))
*5
CY, @H+mem.bit
2
2
CY
← C ∨ (H+mem3-0.bit)
*1
←
←
←
←
←
←
←



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com