Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P3018A Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 36Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 37Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 38Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 39Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 40Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 41Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 42Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 43Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
µPD75P3018A
38
Data Sheet U11917EJ2V1DS
VDD = 3.0 V
±10%
3.5
12
µA
VDD = 3.0 V, TA = 25
°C
3.5
7
µA
VDD = 3.0 V
±10%
39
117
µA
VDD = 3.0 V, TA = 25
°C39
78
µA
DC Characteristics (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
LCD drive voltage VLCD
VAC0 = 0
TA = –40 to +85
°C
2.7
VDD
V
TA = –10 to +85
°C
2.2
VDD
V
VAC0 = 1
1.8
VDD
V
VAC currentNote 1
IVAC
VAC0 = 1, VDD = 2.0 V
±10%
1
4
µA
LCD output voltage VODC
IO =
±1.0
µAVLCD0 = VLCD
0
±0.2
V
deviationNote 2
VLCD1 = VLCD
× 2/3
(common)
VLCD2 = VLCD
× 1/3
LCD output voltage VODS
IO =
±0.5
µA 1.8 V ≤ VLCD ≤ VDD
0
±0.2
V
deviationNote 2
(segment)
Supply currentNote 3 IDD1
6.0 MHzNote 4 VDD = 5.0 V
±10%Note 5
3.7
11.0
mA
crystal
VDD = 3.0 V
±10%Note 6
0.73
2.2
mA
IDD2
oscillation
HALT
VDD = 5.0 V
±10%
0.92
2.6
mA
C1 = C2 = 22 pF mode
VDD = 3.0 V
±10%
0.3
0.9
mA
IDD1
4.19 MHzNote 4 VDD = 5.0 V
±10%Note 5
2.7
8.0
mA
crystal
VDD = 3.0 V
±10%Note 6
0.57
1.7
mA
IDD2
oscillation
HALT
VDD = 5.0 V
±10%
0.90
2.5
mA
C1 = C2 = 22 pF mode
VDD = 3.0 V
±10%
0.28
0.8
mA
IDD3
32.768
Low-
VDD = 3.0 V
±10%
42
126
µA
kHzNote 7
voltage VDD = 2.0 V
±10%
37
110
µA
crystal
modeNote 8 VDD = 3.0 V, TA = 25
°C42
84
µA
oscillation
IDD4
HALT
Low-
VDD = 3.0 V
±10%
8.5
25
µA
mode
voltage VDD = 2.0 V
±10%
5.8
17
µA
modeNote 8 VDD = 3.0 V, TA = 25
°C
8.5
17
µA
IDD5
XT1 = 0 VNote 10 VDD = 5.0 V
±10%
0.05
10
µA
STOP mode VDD = 3.0 V
±10%
0.02
5
µA
TA = 25
°C
0.02
3
µA
Notes 1. Clear VAC0 to 0 in the low current consumption mode and STOP mode. When VAC0 is set to 1, the current
increases by about 1
µA.
2. Voltage deviation is the difference between the ideal values (VLCDn ; n = 0, 1, 2) of the segment and common
outputs and the output voltage.
3. The current flowing through the internal pull-up resistor is not included.
4. Including the case when the subsystem clock oscillates.
5. When the device operates in high-speed mode with the processor clock control register (PCC) set to 0011.
6. When the device operates in low-speed mode with PCC set to 0000.
7. When the device operates on the subsystem clock, with the system clock control register (SCC) set to 1001
and oscillation of the main system clock stopped.
8. When the sub-oscillation circuit control register (SOS) is set to 0000.
9. When the SOS is set to 0010.
10. When the SOS is set to 00x1, and the feedback resistor of the sub-oscillator is cut (x: don’t care).
Low current
consump-
tion
modeNote 9
Low current
consump-
tion
modeNote 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com