Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P3018A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 2Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 3Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 4Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 5Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 6Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 7Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 8Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 9Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
µPD75P3018A
4
Data Sheet U11917EJ2V1DS
1. PIN CONFIGURATION (Top View)
• 80-pin plastic QFP (14
× 14 mm)
µPD75P3018AGC-3B9, 75P3018AGC-3B9-A, 75P3018AGC-8BT, 75P3018AGC-8BT-A
• 80-pin plastic TQFP (fine pitch) (12
× 12 mm)
µPD75P3018AGK-BE9, 75P3018AGK-9EU, 75P3018AGK-9EU-A
Note
Connect the VPP directly to VDD during normal operation.
PIN IDENTIFICATIONS
BIAS
: LCD Power Supply Bias Control
P70-P73
: Port7
BP0-BP7
: Bit Port 0-7
PCL
: Programmable Clock
BUZ
: Buzzer Clock
PTO0-PTO2
: Programmable Timer Output 0-2
COM0-COM3
: Common Output 0-3
RESET
: Reset
D0-D7
: Data Bus 0-7
S0-S31
: Segment Output 0-31
INT0, 1, 4
: External Vectored Interrupt 0, 1, 4
SB0, SB1
: Serial Bus 0,1
INT2
: External Test Input 2
SCK
: Serial Clock
KR0-KR7
: Key Return 0-7
SI
: Serial Input
LCDCL
: LCD Clock
SO
: Serial Output
MD0-MD3
: Mode Selection 0-3
SYNC
: LCD Synchronization
P00-P03
: Port0
TI0-TI2
: Timer Input 0-2
P10-P13
: Port1
VDD
: Positive Power Supply
P20-P23
: Port2
VLC0-VLC2
: LCD Power Supply 0-2
P30-P33
: Port3
VPP
: Programming Power Supply
P40-P43
: Port4
Vss
: Ground
P50-P53
: Port5
X1, X2
: Main System Clock Oscillation 1, 2
P60-P63
: Port6
XT1, XT2
: Subsystem Clock Oscillation 1, 2
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
1
S12
S13
S14
S15
2
3
4
S16
5
S17
6
S18
7
S19
8
S20
9
S21
10
S22
11
S23
12
S24/BP0
13
S25/BP1
14
S26/BP2
15
S27/BP3
16
S28/BP4
17
S29/BP5
18
S30/BP6
19
S31/BP7
20
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
60
P60/KR0
X2
X1
VPPNote
XT2
59
58
57
56
XT1
55
VDD
54
P33/MD3
53
P32/MD2
52
P31/SYNC/MD1
51
P30/LCDCL/MD0
50
P23/BUZ
49
P22/PCL/PTO2
48
P21/PTO1
47
P20/PTO0
46
P13/TI0
45
P12/INT2/TI1/TI2
44
P11/INT1
43
P10/INT0
42
P03/SI/SB1
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com