Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P3018A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD75P3018A Datasheet HTML 5Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 6Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 7Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 8Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 9Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 10Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 11Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 12Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
µPD75P3018A
7
Data Sheet U11917EJ2V1DS
3.1 Port Pins (2/2)
Pin Name
I/O
Alternate Function
Function
8-bit
After Reset I/O Circuit
I/O
TypeNote 1
P60
I/O
KR0
This is a programmable 4-bit I/O port (PORT6).
√
Input
<F>-A
Input and output in single-bit units can be specified.
P61
KR1
When set for 4-bit units, an internal pull-up resistor
connection can be specified by software.
P62
KR2
P63
KR3
P70
I/O
KR4
This is a 4-bit I/O port (PORT7).
Input
<F>-A
When set for 4-bit units, an internal pull-up resistor
P71
KR5
connection can be specified by software.
P72
KR6
P73
KR7
BP0
Output
S24
1-bit output port (BIT PORT). These pins are also
—
Note 2
H-A
used as segment output pin.
BP1
S25
BP2
S26
BP3
S27
BP4
Output
S28
BP5
S29
BP6
S30
BP7
S31
Notes 1. Circuit types enclosed in brackets indicate Schmitt trigger input.
2. VLC1 is selected as the input source for BP0 to BP7. The output level varies depending on the external circuit
for BP0 to BP7 and VLC1.
Example: As shown below, BP0 to BP7 are mutually connected via the
µPD75P3018A, so the output levels of BP0 to BP7
are determined by the sizes of R1, R2, and R3.
R1
VLC1
ON
ON
BP0
BP1
R3
R2
VDD
µ PD75P3018A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com