Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD75P3018A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD75P3018A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P3018A Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD75P3018A Datasheet HTML 1Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 2Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 3Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 4Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 5Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 6Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 7Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 8Page - Renesas Technology Corp UPD75P3018A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
µPD75P3018A
2
Data Sheet U11917EJ2V1DS
FUNCTION OUTLINE
Item
Function
Instruction execution time
• 0.95, 1.91, 3.81, 15.3
µs (main system clock: at 4.19 MHz operation)
• 0.67, 1.33, 2.67, 10.7
µs (main system clock: at 6.0 MHz operation)
• 122
µs (subsystem clock: at 32.768 kHz operation)
Internal memory
PROM
32768
× 8 bits
RAM
1024
× 4 bits
General-purpose register
• 4-bit operation: 8
× 4 banks
• 8-bit operation: 4
× 4 banks
Input/output port
CMOS input
8
On-chip pull-up resistor connection can be specified by using software: 23
CMOS input/output
16
CMOS output
8
Also used for segment pins
N-ch open-drain input/output
8
13 V breakdown voltage
Total
40
LCD controller/driver
• Segment number selection : 24/28/32 segments (can be changed to CMOS
output port in unit of 4; max. 8)
• Display mode selection
: Static, 1/2 duty (1/2 bias), 1/3 duty (1/2 bias)
1/3 duty (1/3 bias), 1/4 duty (1/3 bias)
Timer
5 channels:
• 8-bit timer/event counter: 3 channels (can be used for 16-bit timer/event counter,
carrier generator, timer with gate)
• Basic interval timer/watchdog timer: 1 channel
• Watch timer: 1 channel
Serial interface
• 3-wire serial I/O mode ... MSB or LSB can be selected for transferring first bit
• 2-wire serial I/O mode
• SBI mode
Bit sequential buffer (BSB)
16 bits
Clock output (PCL)
•
Φ, 524, 262, 65.5 kHz (main system clock: at 4.19 MHz operation)
•
Φ, 750, 375, 93.8 kHz (main system clock: at 6.0 MHz operation)
Buzzer output (BUZ)
• 2, 4, 32 kHz
(main system clock: at 4.19 MHz operation
or subsystem clock: at 32.768 kHz operation)
• 2.93, 5.86, 46.9 kHz (main system clock: at 6.0 MHz operation)
Vectored interrupt
• External : 3
• Internal : 5
Test input
• External : 1
• Internal : 1
System clock oscillator
• Ceramic or crystal oscillator for main system clock oscillation
• Crystal oscillator for subsystem clock oscillation
Standby function
STOP/HALT mode
Power supply voltage
VDD = 1.8 to 5.5 V
Package
• 80-pin plastic QFP (14
× 14 mm)
• 80-pin plastic TQFP (fine pitch) (12
× 12 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com