Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3383
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3383 Datasheet HTML 11Page - Monolithic Power Systems MP3383 Datasheet HTML 12Page - Monolithic Power Systems MP3383 Datasheet HTML 13Page - Monolithic Power Systems MP3383 Datasheet HTML 14Page - Monolithic Power Systems MP3383 Datasheet HTML 15Page - Monolithic Power Systems MP3383 Datasheet HTML 16Page - Monolithic Power Systems MP3383 Datasheet HTML 17Page - Monolithic Power Systems MP3383 Datasheet HTML 18Page - Monolithic Power Systems MP3383 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
15
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Open-String Protection
Open-string protection is achieved through
detecting VOVP and LEDx voltage (VLEDx, where
“LEDx” can be LED1, LED2, LED3, and LED4).
If one or more strings are open, then the
respective LEDx pins are pulled to ground and
the IC continues charging VOUT until it reaches
the OVP threshold. If the OVP threshold is
triggered, then the chip stops switching and
marks off the strings for which VLEDx is below
100mV. Once marked, the remaining LED
strings force VOUT back to normal regulation. The
string with the largest voltage drop determines
the output regulation value.
The MP3383 always attempts to light at least
one string. If all strings are open, the MP3383
shuts down the step-up converter. The open
strings remain in this marked-off state until the
chip resets.
Short-String Protection
The MP3383 monitors VLEDx to determine
whether a short-string fault has occurred. If one
or more strings are short, then the respective
LEDx pins tolerate high-voltage stress. If VLEDx
exceeds the protection threshold for 16 switching
cycles (128 switching cycles, optionally), short-
string protection is triggered, and the fault string
is marked off and disabled. Once a string is
marked off, it disconnects from the VOUT loop
until VIN or EN restarts.
To prevent mistriggering a short LED protection
when the LED string is open, the short LED
protection function is disabled when VLEDx for all
used LED channels exceeds 2.1V.
For applications where
VOUT > 90V, use an
external MOSFET to carry the huge voltage
when the whole LED string is shorted.
Cycle-by-Cycle Current Limit
To prevent the external components from
exceeding their respective current stress ratings,
the IC employs cycle-by-cycle current-limit
protection. When the current-sense voltage
across the sense resistor (connected between
ISENSE and GND) reaches the cycle-by-cycle
current-limit threshold, the external MOSFET
turns off until the next clock cycle begins.
Short Inductor and Diode Protection
When the external inductor or diode is shorted,
the IC provides protection by detecting the
current flowing through the power MOSFET. If
the current-sense voltage across the sense
resistor (connected between ISENSE and GND)
exceeds the latch-off current limit threshold and
lasts for five switching cycles, the IC stops
switching and latches off.
Thermal Shutdown
The
MP3383
monitors
the
silicon
die
temperature to prevent the IC from operating at
exceedingly
high
temperatures.
If
the
die
temperature exceeds the threshold (TST), the IC
shuts down. Once the die temperature drops
below the lower threshold, the IC restarts and
resumes normal operation. The hysteresis value
is typically 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com