Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3383
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3383 Datasheet HTML 15Page - Monolithic Power Systems MP3383 Datasheet HTML 16Page - Monolithic Power Systems MP3383 Datasheet HTML 17Page - Monolithic Power Systems MP3383 Datasheet HTML 18Page - Monolithic Power Systems MP3383 Datasheet HTML 19Page - Monolithic Power Systems MP3383 Datasheet HTML 20Page - Monolithic Power Systems MP3383 Datasheet HTML 21Page - Monolithic Power Systems MP3383 Datasheet HTML 22Page - Monolithic Power Systems MP3383 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
19
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
Figure 3: Typical Application Circuit (8)
Note:
8)
Some components are adjustable based on real cases.
0
Ω
R2
NC
R1
R14 0Ω
1
VIN
1
GND
1
EN
1
PWM-DIM
4.7
μF/50V
C2
NC
C3
220
μF/35V
C5
PGND
F1
PGND
2
1
33
μH/5A
L1
B290
1
2
D1
NC
C7
PGND
2.2
μF/100V
C1
22
μF/100V
C4
2.2
μF/100V
C8
316k
Ω
R3
PGND
10k
Ω
R7
100pF
C9
1
LED+
1
LED1
1
LED2
1
LED3
1
LED4
R15 0
Ω
R16 0Ω
R18 0Ω
10
Ω
R4
2k
Ω
R20
100k
Ω
R19
2k
Ω
R22
100k
Ω
R12
0.47
μF
C10
470nF
C12
0.05
Ω
R5
PGND
10k
Ω
R17
0
Ω
R8
NC
C11
R13
NC
C14
NC
C13
1
M1
TO-252 or SO8
FDD861 02LZ/AM4490N
NC
C6
270
Ω
R9
AGND
PGND
AGND
AGND
200k
Ω
R11
1
ADIM
AGND
AGND
AGND
NC
R6
2k
Ω
R21
100k
Ω
R10
ISET
2
OSC
4
EN
5
COMP
11
VCC
8
VIN
9
LED4
1
LED3
16
LED2
14
LED1
13
OVP
3
GND
15
ISENSE
6
GATE
7
ADIM
10
MP3383
PWM
12
U1
2k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com