Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3383
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3383 Datasheet HTML 13Page - Monolithic Power Systems MP3383 Datasheet HTML 14Page - Monolithic Power Systems MP3383 Datasheet HTML 15Page - Monolithic Power Systems MP3383 Datasheet HTML 16Page - Monolithic Power Systems MP3383 Datasheet HTML 17Page - Monolithic Power Systems MP3383 Datasheet HTML 18Page - Monolithic Power Systems MP3383 Datasheet HTML 19Page - Monolithic Power Systems MP3383 Datasheet HTML 20Page - Monolithic Power Systems MP3383 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
17
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
The
maximum
duty
cycle
(DMAX) can be
calculated using Equation (8):
OUT
IN(MIN)
MAX
OUT
VV
D
V
−
(8)
The
MOSFET’s current rating should be 1.5
times greater than IRMS(MAX).
The
MOSFET’s
RDS(ON)
determines
the
conduction loss (PCOND), which can be calculated
using Equation (9):
2
COND
RMS
DS(ON)
P
= I
R
k

(9)
Where
k
is
the
MOSFET
’s temperature
coefficient.
The switching loss is related to QGD and QGS,
which determine the commutation time. QGS is
the charge between the threshold voltage and
the plateau voltage when a driver charges the
gate, which can be read in the VGS vs. QG chart
of the MOSFET datasheet. QGD is the charge
during
the
plateau
voltage.
These
two
parameters are required to estimate the turn-on
and
turn-off
losses
(PSW),
which
can
be
calculated using Equation (10):
=
 
+
−
 
−
GS
G
SW
DS
IN
SW
DR
TH
GD
G
DS
IN
SW
DR
PLT
QR
P
V
I
f
VV
QR
V
I
f
VV
(10)
Where VDR is the drive voltage, VTH is the
threshold voltage, VPLT is the plateau voltage,
VDS is the drain-to-source voltage, and RG is the
gate resistance.
RG is recommended to be between 10Ω and 20Ω.
Note that calculating the switching loss is the
most difficult part of loss estimation. Equation
(10) provides a simplified equation. For more
accurate estimates, the calculations become
significantly more complex.
The total gate charge (QG) is used to calculate
the gate drive loss (PDR). PDR can be calculated
using Equation (11):
SW
DR
G
DR
f
V
Q
P
=
(11)
Selecting the Output Capacitor
The output capacitor (COUT) keeps the VOUT ripple
small and ensures feedback loop stability. COUT
impedance must be low at fSW. Ceramic
capacitors
with
X7R
dielectrics
are
recommended for their low ESR characteristics.
A 4.7
μF ceramic capacitor in parallel with a 22μF
to 47
μF electrolytic capacitor is sufficient for
most applications.
Setting the Over-Voltage Protection (OVP)
Open-string protection is achieved by detecting
VOVP. In some cases, an LED string open fault
results in VFB always being 0V. The MP3383
continues boosting VOUT higher and higher. If
VOUT reaches the configured OVP threshold,
OVP is triggered.
To ensure that the chip functions properly, an
appropriate VOVP is required. The recommended
VOVP is about 1.1 to 1.2 times greater than VOUT
for normal operation. VOVP is set by an external
resistor on OVP, and can be calculated using
Equation (12):
HIGH
OVP
LOW
R
V
2(V) (1
)
R
=
 +
(12)
Where RHIGH and RLOW are the voltage divider
resistors between VOUT and GND.
Expanding LED Channels
The MP3383 can expand the number of LED
channels by using two or three ICs in parallel. To
connect two ICs for a total of eight LED strings,
connect the VCC pins of the master IC and the
slave IC together to power the slave IC
’s internal
logic circuitry. Connect the COMP pins of the
slave IC and the master IC together to regulate
the voltage of all eight LED strings. The slave
IC
’s MOSFET driving signal is not used. The
boost converter can be driven by the master IC
only. Do not leave t
he slave IC’s ISENSE pin
floating; connect it to ground. Apply the EN and
DIM signals to both ICs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com