Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3383
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3383 Datasheet HTML 1Page - Monolithic Power Systems MP3383 Datasheet HTML 2Page - Monolithic Power Systems MP3383 Datasheet HTML 3Page - Monolithic Power Systems MP3383 Datasheet HTML 4Page - Monolithic Power Systems MP3383 Datasheet HTML 5Page - Monolithic Power Systems MP3383 Datasheet HTML 6Page - Monolithic Power Systems MP3383 Datasheet HTML 7Page - Monolithic Power Systems MP3383 Datasheet HTML 8Page - Monolithic Power Systems MP3383 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
4
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
TSSOP-16EP
Pin #
SOIC-16
Pin #
Name
Description
1
13
LED1
LED string 1 current input. Connect the LED1 pin to the LED string 1
cathode.
2
14
LED2
LED string 2 current input. Connect the LED2 pin to the LED string 2
cathode.
3
15
GND
Ground.
4
16
LED3
LED string 3 current input. Connect the LED3 pin to the LED string 3
cathode.
5
1
LED4
LED string 4 current input. Connect the LED4 pin to the LED string 4
cathode.
6
2
ISET
LED current setting. Connect a current-setting resistor from the ISET pin to
GND to configure the current in each LED string.
7
3
OVP
Output over-voltage protection (OVP) setting. Connect a resistor divider
from the output to the OVP pin to configure the OVP threshold.
8
4
OSC
Switching frequency (fSW) setting. Connect a resistor between the OSC
pin and GND to set the step-up converter
’s fSW.
9
5
EN
Enable control input. A voltage exceeding 1.2V turns the part on; a voltage
below 0.4V turns the part off. Do not float the EN pin.
10
6
ISENSE
Current-sense input. During normal operation, the ISENSE pin senses the
voltage across the external inductor current-sense resistor (RSENSE) for peak
current control mode. ISENSE also limits the inductor current (IL) during each
switching cycle. For cascading applications, connect the slave IC
’s ISENSE
to GND. Do not float ISENSE.
11
7
GATE
Step-up converter MOSFET driver output. The GATE pin drives the
external power N-channel MOSFET.
12
8
VCC
The internal 12V linear regulator output. The VCC pin provides the power
supply for the external MOSFET gate driver and the internal control circuitry.
Bypass VCC to GND using a ceramic capacitor.
13
9
VIN
Supply input. The VIN pin must be bypassed locally.
14
10
ADIM
Input signal for analog brightness control. The LED current amplitude is
determined by the duty cycle of the PWM signal applied to the ADIM pin. An
internal R
C filter (10MΩ resistor and 100pF capacitor) is integrated into
ADIM. A frequency exceeding 20kHz is recommended to achieve better
PWM signal filtering performance and ensure that the high-level ADIM
voltage (VADIM) exceeds 1.2V and the low-level VADIM is below 0.4V.
15
11
COMP
Step-up converter compensation. The COMP pin compensates for the
regulation control loop. Connect a ceramic capacitor or a resistor combined
with a capacitor from COMP to GND.
16
12
PWM
Input signal for PWM brightness control. By applying a PWM signal on
this pin, the LED current is chopped, and the average current is equal to ISET
x DDIM, where ISET is the LED current value set by a resistor between the ISET
pin and GND, and DDIM is the
PWM input signal’s duty cycle. Ensure that the
high-level voltage exceeds 1.2V and the low-level voltage is below 0.4V. If
the PWM pin is floating, weakly pull it to GND internally.
/
EP
Exposed pad. Connect the exposed pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com