Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3383
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3383 Datasheet HTML 7Page - Monolithic Power Systems MP3383 Datasheet HTML 8Page - Monolithic Power Systems MP3383 Datasheet HTML 9Page - Monolithic Power Systems MP3383 Datasheet HTML 10Page - Monolithic Power Systems MP3383 Datasheet HTML 11Page - Monolithic Power Systems MP3383 Datasheet HTML 12Page - Monolithic Power Systems MP3383 Datasheet HTML 13Page - Monolithic Power Systems MP3383 Datasheet HTML 14Page - Monolithic Power Systems MP3383 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
11
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 15V, VEN = 5V, 120mA/string, 4 strings, 14 LEDs in series, TA = 25°C, unless otherwise noted.
Start-Up with One String Open
Start-Up with All Strings Open
CH1: VSW
CH2: VOUT
CH3: IL
CH4: ILED
CH1: VSW
CH2: VOUT
CH3: IL
CH4: ILED
Open One String during Normal
Operation
Open All Strings during Normal
Operation
CH1: VSW
CH2: VOUT
CH3: IL
CH4: ILED
CH1: VSW
CH2: VOUT
CH3: IL
CH4: ILED
Start-Up with One-String Short
Short One String during Normal
Operation
CH1: VSW
CH2: VLEDx
CH3: IL
CH4: ILED
CH1: VSW
CH2:VLEDx
CH3: IL
CH4: ILED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com