Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3383
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3383 Datasheet HTML 12Page - Monolithic Power Systems MP3383 Datasheet HTML 13Page - Monolithic Power Systems MP3383 Datasheet HTML 14Page - Monolithic Power Systems MP3383 Datasheet HTML 15Page - Monolithic Power Systems MP3383 Datasheet HTML 16Page - Monolithic Power Systems MP3383 Datasheet HTML 17Page - Monolithic Power Systems MP3383 Datasheet HTML 18Page - Monolithic Power Systems MP3383 Datasheet HTML 19Page - Monolithic Power Systems MP3383 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
16
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency (fSW)
The step-up converter
’s fSW is recommended to
be between 100kHz and 900kHz for most
applications. A resistor on OSC sets the internal
fSW for the step-up converter. fSW can be
estimated using Equation (1):
=
SW
OSC
50000
f
(kHz)
R
( k
Ω )
(1)
For ROSC is 100kΩ, fSW is set to 500kHz.
Setting the LED Current
The current in each LED string can be set
through the current-setting resistor on ISET,
which can be calculated using Equation (2):
=
ISET
1200
ISET(mA)
R
( k
Ω )
(2)
For RISET is 12kΩ, ILED is set to 100mA. Do not
leave ISET floating.
Selecting the Input Capacitor
The input capacitor (CIN) reduces the surge
current drawn from the input supply and the
switching noise from the device. CIN impedance
at fSW should be below the input source
impedance
to
prevent
the
high-frequency
switching current from passing through to the
input. Ceramic capacitors with X5R or X7R
dielectrics are recommended for their low ESR
and small temperature coefficients. For most
applications, use a
4.7μF ceramic capacitor in
parallel with a 220µF electrolytic capacitor.
Selecting the Inductor and Current-Sensing
Resistor
A larger-value inductor results in reduced ripple
current and a lower peak inductor current
(IL(PEAK)), which reduces stress on the N-channel
MOSFET. However, a larger-value inductor has
a larger physical size, higher series resistance,
and lower saturation current. Choose an inductor
that does not saturate under the worst-case load
conditions. Select the minimum inductance (L)
that ensures the boost converter works in
continuous conduction mode (CCM) with high
efficiency and good EMI performance.
The required inductance (L) can be calculated
using Equation (3):
2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I
 −

(3)
The duty cycle (D) can be calculated using
Equation (4):
IN
OUT
V
D1
V
=−
(4)
Where ILOAD is the LED load current, and η is the
efficiency.
The switching current is used for peak current
control mode. To avoid reaching the current limit,
the voltage across the sensing resistor (RSENSE)
must be below 80% of the current limit voltage
(VSENSE) in the worst-case scenario. RSENSE can
be calculated using Equation (5):
SENSE
SENSE
L(PEAK)
0.8 V
R
I
=
(5)
The peak inductor current (IL(PEAK)) can be
calculated using Equation (6):
OUT
LOAD
IN
OUT
IN
L(PEAK)
IN
SW
OUT
V
I
V
(V
V )
I
η
V
2 L f
V
−
=+
 
(6)
Selecting the Power MOSFET
The MP3383 is capable of driving a wide variety
of N-channel power MOSFETs. The critical
MOSFET selection parameters include the
maximum drain-to-source voltage (VDS(MAX)),
maximum
current
(ID(MAX)),
on
resistance
(RDS(ON)), gate source charge (QGS), gate drain
charge (QGD), and total gate charge (QG).
Ideally, the off-state voltage across the MOSFET
is equal to VOUT. Considering the voltage spike
when the MOSFET turns off, VDS(MAX) should be
1.5 times greater than VOUT.
The maximum current flowing through the power
MOSFET occurs at the minimum VIN and
maximum output power (POUT). The maximum
RMS current through the MOSFET (IRMS(MAX))
can be calculated using Equation (7):
RMS(MAX)
IN(MAX)
MAX
I
I
D
=
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com