Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3383 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3383
Description  4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3383 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3383 Datasheet HTML 1Page - Monolithic Power Systems MP3383 Datasheet HTML 2Page - Monolithic Power Systems MP3383 Datasheet HTML 3Page - Monolithic Power Systems MP3383 Datasheet HTML 4Page - Monolithic Power Systems MP3383 Datasheet HTML 5Page - Monolithic Power Systems MP3383 Datasheet HTML 6Page - Monolithic Power Systems MP3383 Datasheet HTML 7Page - Monolithic Power Systems MP3383 Datasheet HTML 8Page - Monolithic Power Systems MP3383 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP3383
– 4-STRING, MAX 80V VOUT, STEP-UP WLED CONTROLLER
MP3383 Rev. 1.0
MonolithicPower.com
5
5/2/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN .................................................-0.3V to +37V
VCC, VGATE......................................-0.3V to +16V
VLED1 to VLED4.................................-0.3V to +80V
All other pins ................................-0.3V to +6.5V
Continuous power dissipation (TA = 25°C) (2)
TSSOP-16EP........................................... 2.78W
SOIC-16 ................................................... 1.56W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -60°C to +150°C
ESD Ratings
Human body model (HBM) ........................ ±2kV
Charged device model (CDM) ................. ±750V
Recommended Operating Conditions (3)
Supply voltage (VIN) ............................6V to 33V
Max LED current ................................. 400mA (5)
Operating junction temp........... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
TSSOP-16EP .........................45 ...... 10 ... °C/W
SOIC-16…………………………..80
……35....°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can produce an excessive die temperature, which
may cause the regulator to go into thermal shutdown. Internal
thermal shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-7, a 4-layer PCB.
5) Not tested in production. Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com