Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331T Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP16331T
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP16331T Datasheet HTML 15Page - Microchip Technology MCP16331T Datasheet HTML 16Page - Microchip Technology MCP16331T Datasheet HTML 17Page - Microchip Technology MCP16331T Datasheet HTML 18Page - Microchip Technology MCP16331T Datasheet HTML 19Page - Microchip Technology MCP16331T Datasheet HTML 20Page - Microchip Technology MCP16331T Datasheet HTML 21Page - Microchip Technology MCP16331T Datasheet HTML 22Page - Microchip Technology MCP16331T Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 19
MCP16331
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The MCP16331 step-down converter operates over a
wide input voltage range, up to 50V maximum. Typical
applications include generating a bias or VDD voltage for
the PIC® microcontroller product line, digital control
system bias supply for AC-DC converters, 24V industrial
input and similar applications.
5.2
Adjustable Output Voltage
Calculations
To calculate the resistor divider values for the
MCP16331, Equation 5-1 can be used. RTOP is
connected to VOUT, RBOT is connected to GND and
both are connected to the VFB input pin.
EQUATION 5-1:
EXAMPLE 5-1:
EXAMPLE 5-2:
The transconductance error amplifier gain is controlled
by its internal impedance. The external resistor divider
have no effect on system gain, so a wide range of values
can be used. A 10 k
 bottom resistor is recommended
as a good trade-off for quiescent current and noise
immunity.
5.3
General Design Equations
The step-down converter duty cycle can be estimated
using Equation 5-2, while operating in Continuous
Inductor Current-Mode. This equation also counts the
forward drop of the freewheeling diode and internal
N-Channel MOSFET switch voltage drop. As the load
current increases, the switch voltage drop and diode
voltage drop increase as well, requiring a larger PWM
duty cycle to maintain the output voltage regulation.
Switch voltage drop is estimated by multiplying the
switch current times the switch resistance (RDSON).
EQUATION 5-2:
CONTINUOUS INDUCTOR
CURRENT DUTY CYCLE
The MCP16331 device features an integrated slope
compensation to prevent the bimodal operation of the
PWM duty cycle. Internally, half of the inductor current
downslope is summed with the internal current sense
signal. For the proper amount of slope compensation,
it is recommended to keep the inductor down-slope
current constant, by varying the inductance with VOUT,
where K = 0.22 V/µH.
EQUATION 5-3:
For VOUT = 3.3V, an inductance of 15 µH is
recommended.
RTOP
RBOT
VOUT
VFB
-------------1
–


=
VOUT =3.3V
VFB =0.8V
RBOT =10 k
RTOP = 31.25 k (standard value = 31.6 k)
VOUT = 3.328V (using standard value)
VOUT =5.0V
VFB =0.8V
RBOT =10 k
RTOP = 52.5 k (standard value = 52.3 k)
VOUT = 4.98V (using standard value)
TABLE 5-1:
RECOMMENDED INDUCTOR
VALUES
VOUT
K
LSTANDARD
2.0V
0.20
10 µH
3.3V
0.22
15 µH
5.0V
0.23
22 µH
12V
0.21
56 µH
15V
0.22
68 µH
24V
0.24
100 µH
D
VOUT VDiode
+

VIN
ISW RDSON

–

-------------------------------------------------------
=
KVOUT L
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com