Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331T Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP16331T
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP16331T Datasheet HTML 28Page - Microchip Technology MCP16331T Datasheet HTML 29Page - Microchip Technology MCP16331T Datasheet HTML 30Page - Microchip Technology MCP16331T Datasheet HTML 31Page - Microchip Technology MCP16331T Datasheet HTML 32Page - Microchip Technology MCP16331T Datasheet HTML 33Page - Microchip Technology MCP16331T Datasheet HTML 34Page - Microchip Technology MCP16331T Datasheet HTML 35Page - Microchip Technology MCP16331T Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
MCP16331
DS20005308D-page 32
 2014-2021 Microchip Technology Inc.
7.0
NON-TYPICAL APPLICATION
CIRCUITS
For additional information, please refer to the Application
Note: AN2102 “Designing Applications with MCP16331
High-Input Voltage Buck Converter” (DS00002102),
which can be found on the www.microchip.com web site.
FIGURE 7-1:
Inverting Buck-Boost Application, 9V – 16V VIN to -5V VOUT.
Component
Value
Manufacturer
Part Number
Comment
CIN
2 x 10 µF
TDK Corporation
C3225X7R1H106M250AC Capacitor, Ceramic, 10 µF, 50V, 20%,
X7R, SMD, 1210
COUT
2 x 10 µF
TDK Corporation
C3216X7R1E106K160AB Capacitor, Ceramic, 10 µF, 25V, 10%,
X7R, SMD, 1206
L22 µH
Coilcraft®
MSS1048-223MLC
MSS1048-223MLC, 22 µH, Shielded
Power Inductor
RTOP
52.3 k
Panasonic® - ECG
ERJPA3F5232V
Resistor, 52.3 kΩ, 1/10W, 1%, 0603, SMD
RBOT
10 k
Panasonic - ECG
ERJ-3EKF1002V
Resistor, 10.0 kΩ, 1/10W, 1%, 0603, SMD
D
STPS2L60A STMicroelectronics
STPS2L60A
Schottky, 60V, 2A, SMA
DB
1N4148
Diodes
Incorporated®
1N4148WS-7-F
Diode Switch, 75V, 200 mW, SOD-323
CB
100 nF
AVX Corporation
0603YC104KAT2A
Capacitor, 0.1 µF, 16V, Ceramic, X7R,
0603, 10%
U1
MCP16331
Microchip
Technology Inc.
MCP16331-E/CH
MCP16331-E/MNY
MCP16331, 500 kHz Buck Switcher, 50V,
500 mA
VIN
EN
GND
SW
VIN
9V
– 16V
VOUT
-5V
COUT
2x 10 µF
CIN
2x10 µF
L
22 µH
52.3 k
10 k
RT
RB
MCP16331
2A, 60V
D
BST
1N4148
CB
0.1 µF
FB
GND
U1
DB
GND
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com