Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331T Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP16331T
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP16331T Datasheet HTML 13Page - Microchip Technology MCP16331T Datasheet HTML 14Page - Microchip Technology MCP16331T Datasheet HTML 15Page - Microchip Technology MCP16331T Datasheet HTML 16Page - Microchip Technology MCP16331T Datasheet HTML 17Page - Microchip Technology MCP16331T Datasheet HTML 18Page - Microchip Technology MCP16331T Datasheet HTML 19Page - Microchip Technology MCP16331T Datasheet HTML 20Page - Microchip Technology MCP16331T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 17
MCP16331
Shunt boost supply regulation is used for low output
voltage converters operating from a wide ranging input
source; a regulated 3.0V to 5.5V supply is needed to
provide high-side drive bias. The shunt uses a Zener
diode to clamp the voltage within the 3.0V to 5.5V
range, using the RSH resistor shown in Figure 4-3.
To calculate the RSH resistor value, the boost drive
current needs to be estimated first, using Equation 4-1.
IBOOST_TYP for 3.3V Boost Supply = 0.6 mA
IBOOST_TYP for 5.0V Boost Supply = 0.8 mA.
EQUATION 4-1:
BOOST CURRENT
To calculate the RSH resistor value, the maximum
IBOOST and IZ current are used at the minimum input
voltage (Equation 4-2).
EQUATION 4-2:
SHUNT RESISTANCE
VZ and IZ can be found on the Zener diode
manufacturer’s data sheet; typically, IZ = 1 mA.
Series regulator applications use a Zener diode to drop
the excess voltage; the series regulator bias source
can be input or output voltage derived, as shown in
Figure 4-4. For proper circuit operation, the boost sup-
ply must remain between 3.0V and 5.5V at all times.
FIGURE 4-4:
MCP16331 Series Regulator Boost Supply.
IBOOST = IBOOST_TYP 1.5 mA
RSH
VINMIN VZ
–
IBoost IZ
+
------------------------------
=
CB
VOUT
VIN
CIN
COUT
SW
BOOST
GND
EN
FB
L
RTOP
RBOT
VIN
Boost Diode
FW Diode
12V
15V to 50V
CB
VIN
CIN
SW
BOOST
GND
EN
FB
L
VIN
Boost Diode
FW Diode
2V
12V
VZ =7.5V
VZ =7.5V
VOUT
RTOP
RBOT
COUT
MCP16331
MCP16331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com