Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331T Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP16331T
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP16331T Datasheet HTML 12Page - Microchip Technology MCP16331T Datasheet HTML 13Page - Microchip Technology MCP16331T Datasheet HTML 14Page - Microchip Technology MCP16331T Datasheet HTML 15Page - Microchip Technology MCP16331T Datasheet HTML 16Page - Microchip Technology MCP16331T Datasheet HTML 17Page - Microchip Technology MCP16331T Datasheet HTML 18Page - Microchip Technology MCP16331T Datasheet HTML 19Page - Microchip Technology MCP16331T Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
MCP16331
DS20005308D-page 16
 2014-2021 Microchip Technology Inc.
small amount of time for the boost capacitor to recharge.
For high input voltages, there is enough precharge
current to replenish the boost capacitor charge.
For input voltages above 5.5V typical, the MCP16331
device will regulate the output voltage with no load. After
starting, the MCP16331 will regulate the output voltage
until the input voltage decreases below 4V. See
Figure 2-23 for device range of operation over input
voltage, output voltage and load.
4.2.5
ALTERNATIVE BOOST BIAS
For 3.0V to 5.0V output voltage applications, the boost
supply is typically the output voltage. For applications
with the output voltage lower than 3V or higher than 5V,
an alternative boost supply can be used.
Alternative boost supplies can be directly used from the
input, input derived, output derived or an auxiliary
system voltage.
For low-voltage output applications with unregulated
input voltage, a shunt regulator derived from the input
can be used to derive the boost supply. For applications
with high output voltage or regulated high input voltage,
a series regulator can be used to derive the boost
supply. In case the boost is biased from an external
source while in shutdown, the device will draw slightly
higher current.
FIGURE 4-3:
MCP16331 Shunt and External Boost Supply.
CB
VOUT
VIN
CIN
COUT
SW
BOOST
GND
EN
FB
L
RTOP
VIN
Boost Diode
FW Diode
2V
12V
VZ =5.1V
C1
RSH
CB
VOUT
VIN
CIN
COUT
SW
BOOST
GND
EN
FB
L
RTOP
RBOT
VIN
Boost Diode
FW Diode
2V
12V
3.0V to 5.5V External Supply
RBOT
MCP16331
MCP16331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com