Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331T Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP16331T
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP16331T Datasheet HTML 11Page - Microchip Technology MCP16331T Datasheet HTML 12Page - Microchip Technology MCP16331T Datasheet HTML 13Page - Microchip Technology MCP16331T Datasheet HTML 14Page - Microchip Technology MCP16331T Datasheet HTML 15Page - Microchip Technology MCP16331T Datasheet HTML 16Page - Microchip Technology MCP16331T Datasheet HTML 17Page - Microchip Technology MCP16331T Datasheet HTML 18Page - Microchip Technology MCP16331T Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 15
MCP16331
FIGURE 4-2:
Step-Down Converter.
4.2.2
PEAK CURRENT MODE CONTROL
The MCP16331 integrates a Peak Current-Mode control
architecture, resulting in superior AC regulation while
minimizing the number of voltage loop compensation
components and their size, for integration. Peak
Current-Mode control takes a small portion of the
inductor current, replicates it and compares this
replicated current sense signal with the output of the
integrated error voltage. In practice, the inductor current
and the internal switch current are equal during the
switch-on time. By adding this peak current sense to the
system control, the step-down power train system is
reduced from a 2nd order to a 1st order. This reduces the
system
complexity
and
increases
its
dynamic
performance.
For Pulse-Width Modulation (PWM) duty cycles that
exceeds 50%, the control system can become bimodal,
where a wide pulse, followed by a short pulse, repeats
instead of the desired fixed pulse width. To prevent this
mode of operation, an internal compensating ramp is
summed into the current shown in Figure 4-2.
4.2.3
PULSE-WIDTH MODULATION (PWM)
The internal oscillator periodically starts the switching
cycle, which for MCP16331, occurs every 2 µs (or with a
frequency of 500 kHz). With the integrated switch turned
on, the inductor current ramps up until the sum of the
current sense and slope compensation ramp exceeds
the integrated error amplifier output. The error amplifier
output slews up or down to increase or decrease the
inductor peak current feeding into the output LC filter. If
the regulated output voltage is lower than its target, the
error amplifier output rises. This results in an increase of
the inductor current, to correct for error in the output
voltage. The fixed frequency duty cycle is terminated
when the sensed inductor peak current, summed with
the internal slope compensation, exceeds the output
voltage of the error amplifier. The PWM latch is set by
turning off the internal switch and preventing it from
turning on until the beginning of the next cycle. An
overtemperature signal or boost capacitor undervoltage
can also reset the PWM latch, to asynchronously
terminate the cycle.
When working close to the boundary conduction
threshold, a jitter on the SW node may occur, reflecting
it into the output voltage. Although the low-frequency
output component is very small, it may be desirable to
completely eliminate this component. To achieve this,
different methods can be applied to reduce or
completely eliminate this component. In addition to a
very good layout, a capacitor connected in parallel with
the top feedback resistor, or an RC snubber between
the SW node and GND, can be added.
Typical values for the snubber are 680 pF and 430
,
while the capacitor connected in parallel with the top
feedback resistor can have values from 10 pF to 47 pF.
Utilizing such a snubber eliminates the ringing on the
SW node, but decreases the overall efficiency of the
converter.
4.2.4
HIGH-SIDE DRIVE
The MCP16331 features an integrated high-side
N-Channel MOSFET for high-efficiency step-down
power conversion; an N-Channel MOSFET is preferred
for its low resistance and size (instead of a P-Channel
MOSFET). The N-Channel MOSFET gate must be
driven above its source to fully turn on the transistor,
therefore, a gate-drive voltage above the input is
necessary to turn on the high-side N-Channel switch.
The high-side drive voltage should be between 3.0V
and 5.5V. The N-Channel MOSFET source is
connected to the inductor and Schottky diode, or switch
node.
When the switch is off, the boost capacitor voltage is
replenished, typically from the output voltage, for 3V to
5V output applications. A boost-blocking diode is used
to prevent current flow from the boost capacitor back
into the output during the internal switch-on time.
Prior to start-up, the boost capacitor has no stored
charge to drive the switch, therefore an internal regulator
is used to “precharge” the boost capacitor. Once
precharged, the switch is turned on and the inductor
current starts to flow. When the switch turns off, the
inductor current freewheels through the Schottky diode,
providing a path to recharge the boost capacitor.
Worst-case conditions for recharge occur when the
switch turns on for a very short duty cycle at light load,
limiting the inductor current ramp. In this case, there is a
Schottky
Diode
COUT
VOUT
SW
VIN
+
–
SW
on
off
on
on
off
IL
IL
L
IOUT
VOUT
VIN
0
SW
on
off
on
on
off
IL
IOUT
VIN
0
Continuous Inductor Current Mode
Discontinuous Inductor Current Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com