Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331T Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP16331T
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP16331T Datasheet HTML 30Page - Microchip Technology MCP16331T Datasheet HTML 31Page - Microchip Technology MCP16331T Datasheet HTML 32Page - Microchip Technology MCP16331T Datasheet HTML 33Page - Microchip Technology MCP16331T Datasheet HTML 34Page - Microchip Technology MCP16331T Datasheet HTML 35Page - Microchip Technology MCP16331T Datasheet HTML 36Page - Microchip Technology MCP16331T Datasheet HTML 37Page - Microchip Technology MCP16331T Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
MCP16331
DS20005308D-page 34
 2014-2021 Microchip Technology Inc.
FIGURE 7-3:
Multiple Outputs Buck Converter 10V – 40V Input Voltage to 2 x 5V and 3.3V Output
Voltages.(2)
Component
Value
Manufacturer
Part Number
Comment
CIN
2 x 10 µF
TDK Corporation
C3225X7R1H106M250AC Capacitor, Ceramic, 10 µF, 50V, 20%,
X7R, SMD, 1210
COUT, C1
10 µF
TDK Corporation
C3216X7R1E106K160AB Capacitor, Ceramic, 10 µF, 25V, 10%,
X7R, SMD, 1206
C2, C3
1 µF
TDK Corporation
CGA4J3X7R1E105K125AB Capacitor, Ceramic,1 µF, 25V, 10%, X7R,
SMD, 0805
L1
10 µH
Wurth Elektronik®
744874100
744874100, 10 µH, Shielded Coupled
Inductors
RT
52.3 k
Panasonic® - ECG
ERJPA3F5232V
Resistor, 52.3 kΩ, 1/10W, 1%, 0603, SMD
RB
10 k
Panasonic - ECG
ERJ-3EKF1002V
Resistor, 10.0 kΩ, 1/10W, 1%, 0603, SMD
D1
MBR0530
Fairchild
Semiconductor®
MBR0530
Schottky Rectifier, 30V, 500 mA, SOD-123
D2
STPS2L60A STMicroelectronics
STPS2L60A
Schottky, 60V, 2A, SMA
DB
1N4148
Diodes
Incorporated®
1N4148WS-7-F
Diode Switch, 75V, 200 mW, SOD-323
CB
100 nF
AVX Corporation
0603YC104KAT2A
Capacitor, 0.1 µF, 16V, Ceramic, X7R,
0603, 10%
U1
MCP1755
Microchip
Technology Inc.
MCP1755S-3302E/DB
MCP1755, 3.3V LDO, 300 mA, SOT-223-3
Us
MCP16331
Microchip
Technology Inc.
MCP16331-E/CH
MCP16331-E/MNY
MCP16331, 500 kHz Buck Switcher, 50V,
500 mA
VIN
EN
GND
SW
VIN
10V-40V
VOUT
5V
COUT
2x 10 µF
CIN
2x 10 µF
L1B(1)
10 µH
52.3 k
10 k
OFF
ON
RT
RB
MCP16331
2A, 60V
D2
BST
1N4148
CB
0.1 µF
FB
10 µH
L1A(1)
D1
C1
10 µF
C3
1µF
C2
1µF
VOUT2S
3.3V
VOUT1S
5V
SGND
SGND
Note 1: L1A and L1B are mutually coupled.
2: Please refer to the Application Note: AN2102 “Designing Applications with MCP16331 High-Input
Voltage Buck Converter” (DS00002102), which can be found on the www.microchip.com web site.
U1
U2
DB
VIN
VOUT
GND
MCP1755



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com