Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331T Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP16331T
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331T Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP16331T Datasheet HTML 21Page - Microchip Technology MCP16331T Datasheet HTML 22Page - Microchip Technology MCP16331T Datasheet HTML 23Page - Microchip Technology MCP16331T Datasheet HTML 24Page - Microchip Technology MCP16331T Datasheet HTML 25Page - Microchip Technology MCP16331T Datasheet HTML 26Page - Microchip Technology MCP16331T Datasheet HTML 27Page - Microchip Technology MCP16331T Datasheet HTML 28Page - Microchip Technology MCP16331T Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 25
MCP16331
FIGURE 5-2:
Compact MCP16331 SOT-23-6 Recommended Layout, Low-Current Design.
CB
VOUT
VIN
COUT
SW
BOOST
GND
EN
FB
L
RTOP
VIN
DB
D1
3.3V
4V to 50V
Component
Value
CIN
1 μF
COUT
10 μF
L
15 μH
RTOP
31.2 k
RBOT
10 k
D1
STPS0560Z
DB
1N4148
CB
100 nF
MCP16331
1
6
3
2
5
4
RBOT
CIN
GND
MCP16331
COUT
GND
GND
D1
CIN
DB
RTOP
RBOT
CB
VOUT
Bottom Plane is GND
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com