Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # MASTERGAN2TR
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button MASTERGAN2TR Datasheet HTML 4Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 5Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 6Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 7Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 8Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 9Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 10Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 11Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
4.2
GaN power transistor
Table 6. GaN power transistor electrical characteristics
VGS = 6 V; TJ = 25°C, unless otherwise specified
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
GaN on/off states
V(BR)DS
Drain-source blocking voltage
Low side IDSS < 18 µA (1)
High side IDSS < 13.3 µA(1)
VGS = 0 V
650
V
IDSS_LS
Zero gate voltage drain current - low side
VDS = 600 V
VGS = 0 V
0.7
µA
IDSS_HS
Zero gate voltage drain current - high side
VDS = 600 V
VGS = 0 V
0.5
µA
VGS(th)
Gate threshold voltage
VDS = VGS
Low side, ID = 2.5 mA (1)
High side, ID = 1.7 mA (1)
1.7
V
IGS_LS
Gate to source current - Low side
VDS = 0 V (2)
57
µA
IGS_HS
Gate to source current - High side
VDS = 0 V(2)
40
µA
RDS(on)_LS
Static drain-source on-resistance - Low side
ID = 3.2 A
TJ = 25°C
150
220
mΩ
TJ = 125°C (2)
330
RDS(on)_HS Static drain-source on-resistance - High side
ID = 2.2 A
TJ = 25°C
225
300
mΩ
TJ = 125°C (2)
495
1. Tested at wafer level.
2. Value estimated by characterization, not tested in production.
MASTERGAN2
GaN power transistor
DS13597 - Rev 2.0
page 8/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com