Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # MASTERGAN2TR
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2TR Datasheet(HTML) 3 Page - STMicroelectronics

  MASTERGAN2TR Datasheet HTML 1Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 2Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 3Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 4Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 5Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 6Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 7Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 8Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
2
Pin description and connection diagram
Figure 2. Pin connection (top view)
1
2
3
4
5
6
7
8
9
10
11
12
13 14
15
24 23
22
21
20
19
18
17
16
31
30 29 28 27 26 25
GND
SENSE
OUT
EP1
EP2
EP3
SENSE
SENSE
SENSE
SENSE
SENSE
VS
VS
VS
VS
VS
GH
OUTb
BOOT
PGND
GL
PVCC
2.1
Pin list
Table 1. Pin description
Pin Number
Pin Name
Type
Function
15, 16, 17, 18, 19
VS
Power Supply
High voltage supply (high-side GaN Drain)
12, 13, 14, EP3
OUT
Power Output
Half-bridge output
4, 5, 6, 7, 8, 9, 10, 11, EP2
SENSE
Power Supply
Half-bridge sense (low-side GaN Source)
22
BOOT
Power Supply
Gate driver high-side supply voltage
21
OUTb
Power Supply
Gate driver high-side reference voltage, used only for Bootstrap
capacitor connection. Internally connected to OUT.
27
VCC
Power Supply
Logic supply voltage
1
PVCC
Power Supply
Gate driver low-side supply voltage
28, EP1
GND
Power Supply
Gate driver ground
3
PGND
Power Supply
Gate driver low-side buffer ground. Internally connected to
SENSE
26
HIN
Logic Input
High-Side driver logic input
24
LIN
Logic Input
Low-Side driver logic input
25
SD/OD
Logic Input-Output Driver Shutdown input and Fault Open-Drain
2
GL
Output
Low-Side GaN gate
20
GH
Output
High-Side GaN gate
23, 29, 30, 31
N.C.
Not Connected
Leave floating
MASTERGAN2
Pin description and connection diagram
DS13597 - Rev 2.0
page 3/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com