Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # MASTERGAN2TR
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button MASTERGAN2TR Datasheet HTML 5Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 6Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 7Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 8Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 9Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 10Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 11Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 12Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
5
Device characterization values
The information in Table 7 and Table 8 represents typical values based on characterization and simulation results
and are not subject to the production test.
Table 7. GaN power transistor characterization values
Symbol
Parameter
Test condition
Min Typ Max Unit
QG
Total gate charge
VGS = 6 V, TJ = 25°C
VDS = 0 to 400 V - Low side
2
nC
VGS = 6 V, TJ = 25°C
VDS = 0 to 400 V - High side
1.5
nC
QOSS
Output charge - Low side
VGS = 0 V,
VDS = 400 V
20
nC
Output charge - High side
14
nC
EOSS
Output capacitance stored energy - Low side
2.7
µJ
Output capacitance stored energy - High side
1.7
µJ
COSS
Output capacitance - Low side
20
pF
Output capacitance - High side
14.2
pF
CO(ER)
Effective output capacitance energy related - Low side (1)
VGS = 0 V,
VDS = 0 to 400 V
31
pF
Effective output capacitance energy related - High side(1)
21
pF
CO(TR)
Effective output capacitance time related - Low side (2)
50
pF
Effective output capacitance time related - High side(2)
34
pF
QRR
Reverse recovery charge
0
nC
IRRM
Reverse recovery current
0
A
1. CO(ER) is the fixed capacitance that would give the same stored energy as COSS while VDS is rising from 0 V to the stated
VDS
2. CO(TR) is the fixed capacitance that would give the same charging time as COSS while VDS is rising from 0 V to the stated
VDS
Table 8. Inductive load switching characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
t(on) (1)
Turn-on time - Low side
VS = 400 V,
VGS = 6 V,
ID_LS = 3.2 A,
ID_HS= 2.2 A
See Figure 3
70
ns
Turn-on time - High side
70
ns
tC(on) (2)
Crossover time (on) - Low side
15
ns
Crossover time (on) - High side
25
ns
t(off)(1)
Turn-off time - Low side
70
ns
Turn-off time - High side
70
ns
tC(off) (2)
Crossover time (off) - Low side
15
ns
Crossover time (off) - High side
10
ns
tSD
Shutdown to high/low-side propagation delay
70
ns
Eon
Turn-on switching losses - Low side
12.5
µJ
Turn-on switching losses - High side
10
µJ
MASTERGAN2
Device characterization values
DS13597 - Rev 2.0
page 9/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com