Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # MASTERGAN2TR
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button MASTERGAN2TR Datasheet HTML 21Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 22Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 23Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 24Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 25Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 26Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 27Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 28Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
List of tables
Table 1.
Pin description...................................................................... 3
Table 2.
Absolute maximum ratings ............................................................. 4
Table 3.
Recommended operating conditions....................................................... 5
Table 4.
Thermal data....................................................................... 5
Table 5.
Driver electrical characteristics .......................................................... 6
Table 6.
GaN power transistor electrical characteristics ................................................ 8
Table 7.
GaN power transistor characterization values ................................................ 9
Table 8.
Inductive load switching characteristics..................................................... 9
Table 9.
Inputs truth table (applicable when device is not in UVLO)....................................... 17
Table 10.
QFN 9 x 9 x 1 mm package dimensions ................................................... 21
Table 11.
Order codes ...................................................................... 24
Table 12.
Document revision history ............................................................. 25
MASTERGAN2
List of tables
DS13597 - Rev 2.0
page 27/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com