Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # MASTERGAN2TR
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MASTERGAN2TR Datasheet HTML 6Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 7Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 8Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 9Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 10Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 11Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 12Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 13Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Eoff
VS = 400 V,
VGS = 6 V,
ID_LS = 3.2 A,
ID_HS= 2.2 A
See Figure 3
Turn-off switching losses
2.5
µJ
1. t(on) and t(off) include the propagation delay time of the internal driver
2. tC(on) and tC(off) are the switching times of GaN transistor itself under the internally given gate driving conditions
Figure 3. Switching time definition
ID
ID
VDS
VDS
VIN
VIN
t(ON)
t(OFF)
tC(ON)
tC(OFF)
10%ID
10%VDS
10%ID
10%VDS
(a) turn-on
(b) turn-off
Figure 4. Typ ID_LS vs. VDS at TJ=25°C
0
1
2
3
4
5
VDS (V)
0
10
5
15
20
25
30
TJ=25°C
4V
5V
6V
Figure 5. Typ ID_LS vs. VDS at TJ=125°C
0
1
2
3
4
5
VDS (V)
0
4
2
6
8
10
12
TJ=125°C
4V
5V
6V
MASTERGAN2
Device characterization values
DS13597 - Rev 2.0
page 10/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com