Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # MASTERGAN2TR
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button MASTERGAN2TR Datasheet HTML 9Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 10Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 11Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 12Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 13Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 14Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 15Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 16Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Figure 14. Typ RDS(on) vs. TJ normalized at 25°C
0
1.0
0.5
1.5
2.0
2.5
3.0
Temperature (°C)
-50
-10
30
70
110
150
Figure 15. Typ ISD_LS vs. VSD_LS at TJ=25°C
VSD (V)
VGS=6V
TJ=25°C
VGS=0V
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
Figure 16. Typ ISD_LS vs. VSD_LS at TJ=125°C
TJ=125°C
VSD (V)
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
22
24
VGS=6V
VGS=0V
MASTERGAN2
Device characterization values
DS13597 - Rev 2.0
page 13/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com