Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # MASTERGAN2TR
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button MASTERGAN2TR Datasheet HTML 14Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 15Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 16Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 17Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 18Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 19Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 20Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 21Page - STMicroelectronics MASTERGAN2TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
The PVCC pin can be connected either to the same supply voltage of the VCC pin or to a separate voltage
source. In case the same voltage source is used, it is suggested to connect VCC and PVCC pins by means of
a small decoupling resistance. The use of dedicated bypass ceramic capacitors located as close as possible to
each supply pin is highly recommended.
The MASTERGAN2 VCC supply voltage is continuously monitored by under-voltage lockout (UVLO) circuitry that
turns both the high-side and low-side GaN transistors off when the supply voltage goes below the VCC_thOFF
threshold. The UVLO circuitry turns on the GaN, according to LIN and HIN status, approximately 20 µs (typ)
after the supply voltage goes above the VCCthON voltage. A VCChys hysteresis is provided for noise rejection
purposes.
Figure 26. VCC UVLO and Low Side
VCC = PVCC
VCCthON
VCCthOFF
UVLO VCC
0V
0V
VCC rise
Tdelay_VCC
Tdelay_VCC
LIN
GL-PGND
0V
PVCC
6.4
VBO UVLO protection
Dedicated undervoltage protection is available on the bootstrap section between BOOT and OUTb supply pins. In
order to avoid intermittent operation, a hysteresis sets the turn-off threshold with respect to the turn-on threshold.
Approximately 5 µs (typ) after VBO voltage falls below VBOthOFF threshold, the high-side GaN transistor is
switched off. When VBO voltage reaches the VBOthON threshold, the device returns to normal operation and the
output remains off until the next input pin transition that requests the high-side to turn on.
Figure 27. VBO UVLO and High Side
VCC
VCCthON
VCCthOFF
HIN
UVLO VBO
0V
0V
VBO rise
(GH-OUTB)
VBO
0V
VBOthON
VBOthOFF
0V
VBO
MASTERGAN2
VBO UVLO protection
DS13597 - Rev 2.0
page 18/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com