Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CQ Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6730CQ
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQ Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6730CQ Datasheet HTML 7Page - STMicroelectronics L6730CQ Datasheet HTML 8Page - STMicroelectronics L6730CQ Datasheet HTML 9Page - STMicroelectronics L6730CQ Datasheet HTML 10Page - STMicroelectronics L6730CQ Datasheet HTML 11Page - STMicroelectronics L6730CQ Datasheet HTML 12Page - STMicroelectronics L6730CQ Datasheet HTML 13Page - STMicroelectronics L6730CQ Datasheet HTML 14Page - STMicroelectronics L6730CQ Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
L6730C - L6730D
Electrical characteristics
11/50
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Error Amplifier
REAREF
EAREF Input Resistance
Vs. GND
70
100
150
k
Ω
IFB
I.I. bias current
VFΒ = 0V
0.290
0.5
µA
Ext Ref
Clamp
2.3
V
VOFFSET
Error amplifier offset
Vref = 0.6V
-5
+5
mV
GV
Open Loop Voltage Gain
Guaranteed by design
100
dB
GBWP
Gain-Bandwidth Product
Guaranteed by design
10
MHz
SR
Slew-Rate
COMP = 10pF
Guaranteed by design
5V/
µs
Gate Drivers
RHGATE_ON High Side Source Resistance
VBOOT - VPHASE = 5V
1.7
Ω
RHGATE_OFF High Side Sink Resistance
VBOOT - VPHASE = 5V
1.12
Ω
RLGATE_ON Low Side Source Resistance
VCCDR = 5V
1.15
Ω
RLGATE_OFF Low Side Sink Resistance
VCCDR = 5V
0.6
Ω
Protections
IOCH
OCH Current Source
VOCH = 1.7V
90
100
110
µΑ
IOCL
OCL Current Source
90
100
110
µΑ
OVP
Over Voltage Trip
(VFB / VEAREF)
VFB Rising
VEAREF = 0.6V
120
%
VFB Falling
VEAREF = 0.6V
117
%
IOSC
OSC Sourcing Current
VFB > OVP Trip VOSC = 3V
30
mA
Power Good
Upper Threshold
(VFB / VEAREF)
VFB Rising
108
110
112
%
Lower Threshold
(VFB / VEAREF)
VFB Falling
88
90
92
%
VPGOOD
PGOOD Voltage Low
IPGOOD = -5mA
0.5
V
Table 4.
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com