Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CQ Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6730CQ
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQ Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6730CQ Datasheet HTML 25Page - STMicroelectronics L6730CQ Datasheet HTML 26Page - STMicroelectronics L6730CQ Datasheet HTML 27Page - STMicroelectronics L6730CQ Datasheet HTML 28Page - STMicroelectronics L6730CQ Datasheet HTML 29Page - STMicroelectronics L6730CQ Datasheet HTML 30Page - STMicroelectronics L6730CQ Datasheet HTML 31Page - STMicroelectronics L6730CQ Datasheet HTML 32Page - STMicroelectronics L6730CQ Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
L6730C - L6730D
Device description
29/50
5.14.2 No-sink at zero current operation
The L6730C can work in no-sink mode. If output current is zero the converter skip some pulses
and works with a lower switching frequency. Between two pulses can pass a relatively long time
(say 200-300µs) during which there’s no switching activity and the current into the inductor is
zero. In this condition the phase node is at the output voltage and in some cases this is not
enough to keep the bootstrap cap charged. For example, if Vout is 3.3V the voltage across the
bootstrap cap is only 1.7V. The high-side MOSFET cannot be effectively turned-on and the
regulation can be lost. Thanks to the “bootstrap anti-discharging system” the bootstrap cap is
always kept charged. The following picture shows the behaviour of the device in the following
conditions: 12V
◊3.3V@0A.
It can be observed that between two pulses trains the low-side is turned-on in order to keep the
bootstrap cap charged.
Figure 24. 12V -> 3.3V@0A in no-sink
Pulse train
Minimum Bootstrap Voltage
VPHASE
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com