Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CQ Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6730CQ
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQ Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6730CQ Datasheet HTML 36Page - STMicroelectronics L6730CQ Datasheet HTML 37Page - STMicroelectronics L6730CQ Datasheet HTML 38Page - STMicroelectronics L6730CQ Datasheet HTML 39Page - STMicroelectronics L6730CQ Datasheet HTML 40Page - STMicroelectronics L6730CQ Datasheet HTML 41Page - STMicroelectronics L6730CQ Datasheet HTML 42Page - STMicroelectronics L6730CQ Datasheet HTML 43Page - STMicroelectronics L6730CQ Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
I/O Description
L6730C - L6730D
40/50
8
I/O Description
Figure 35. Demoboard
Table 10.
I/O Functions
Symbol
Function
Input (VIN-GIN)
The input voltage can range from 1.8V to 14V. If the input voltage is between 4.5V and 14V
it can supply also the device (through the VCC pin) and in this case the pin 1 and 2 of the
jumper G1 must be connected together.
Output (VOUT-GOUT)
The output voltage is fixed at 3.3V but it can be changed by replacing the resistor R14 of the
output resistor divider:
The over-current-protection limit is set at 15A but it can be changed by replacing the
resistors R1 and R12 (see OCL and OCH pin in Table 3: Pins connection).
VCC-GNDCC
Using the input voltage to supply the controller no power is required at this input.
However the controller can be supplied separately from the power stage through
the VCC input (4.5-14V) and, in this case, jumper G1 must be left open.
VCCDR
An internal LDO provides the power into the device. The input of this stage is the VCC pin
and the output (5V) is the Vccdr pin. The LDO can be bypassed, providing directly a 5V
voltage from VCCDR and Gndcc. In this case the pins 1 and 3 of the jumper G1 must be
shorted.
TP1
This pin can be used as an input or as a test point. If all the jumper G2 pins are shorted, TP1
can be used as a test point of the voltage at the EAREF pin. If the pins 2 and 3 of G2 are
connected together, TP1 can be used as an input to provide an external reference for the
internal error amplifier (see section 4.3. Internal and external references).
TP2
This test point is connected to the Tmask pin (see Table 3: Pins connection).
TP3
This test point is connected to the S/O/U pin (see Chapter 5.10 on page 25).
)
1
(
14
16
R
R
V
Vo
REF
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com