Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CQ Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6730CQ
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQ Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6730CQ Datasheet HTML 16Page - STMicroelectronics L6730CQ Datasheet HTML 17Page - STMicroelectronics L6730CQ Datasheet HTML 18Page - STMicroelectronics L6730CQ Datasheet HTML 19Page - STMicroelectronics L6730CQ Datasheet HTML 20Page - STMicroelectronics L6730CQ Datasheet HTML 21Page - STMicroelectronics L6730CQ Datasheet HTML 22Page - STMicroelectronics L6730CQ Datasheet HTML 23Page - STMicroelectronics L6730CQ Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Device description
L6730C - L6730D
20/50
5.8
Monitoring and protections
The output voltage is monitored by the FB pin. If it is not within ±10% (typ.) of the programmed
value, the Power-Good (PGOOD) output is forced low. The PGOOD signal can be delayed by
adding an external capacitor on PGDelay pin (see Table 3: Pins connection and Figure 11.);
this can be useful to perform cascade sequencing. The delay can be calculated with the
following formula:
The device provides over-voltage-protection: when the voltage sensed on FB pin reaches a
value 20% (typ.) greater than the reference, the low-side driver is turned on. If the OVP not-
latched mode has been set the low-side MOSFET is kept on as long as the over voltage is
detected (see Figure 12.).If OVP latched-mode has been set the low-side MOSFET is turned
on until Vcc is toggled (see Figure 13.). In case of latched-mode OVP the OSC pin is forced
high (4.5V typ.) if an over voltage is detected. .
Figure 11. PGOOD signal
Figure 12. OVP not latched
()
pF
C
PGDelay
⋅
= 5
.
0
[pF] (3)
LGate
FB
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com