Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CQ Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6730CQ
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQ Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6730CQ Datasheet HTML 12Page - STMicroelectronics L6730CQ Datasheet HTML 13Page - STMicroelectronics L6730CQ Datasheet HTML 14Page - STMicroelectronics L6730CQ Datasheet HTML 15Page - STMicroelectronics L6730CQ Datasheet HTML 16Page - STMicroelectronics L6730CQ Datasheet HTML 17Page - STMicroelectronics L6730CQ Datasheet HTML 18Page - STMicroelectronics L6730CQ Datasheet HTML 19Page - STMicroelectronics L6730CQ Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Device description
L6730C - L6730D
16/50
5.6
Soft start
When both VCC and VIN are above their turn-ON thresholds (VIN is monitored by the OCH pin)
the start-up phase takes place. Otherwise the SS pin is internally shorted to GND. At start-up, a
ramp is generated charging the external capacitor CSS with an internal current generator. The
initial value for this current is 35µA and charges the capacitor up to 0.5V. After that it becomes
10µA until the final charge value of approximately 4V (see Figure 7.).
Figure 7.
Device start-up: Voltage at the SS pin.
t
t
0.5V
4V
Vcc
Vin
Vss
4.2V
1.25V
4.2V or 8.6V
0.5V
Vcc
Vin
0.5V
1.25V
Vss
4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com