Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CQ Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6730CQ
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQ Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6730CQ Datasheet HTML 11Page - STMicroelectronics L6730CQ Datasheet HTML 12Page - STMicroelectronics L6730CQ Datasheet HTML 13Page - STMicroelectronics L6730CQ Datasheet HTML 14Page - STMicroelectronics L6730CQ Datasheet HTML 15Page - STMicroelectronics L6730CQ Datasheet HTML 16Page - STMicroelectronics L6730CQ Datasheet HTML 17Page - STMicroelectronics L6730CQ Datasheet HTML 18Page - STMicroelectronics L6730CQ Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
L6730C - L6730D
Device description
15/50
5.4
Internal and external references
It is possible to set two internal references, 0.6V and 1.2V or provide an external reference from
0V to 2.5V. The maximum value of the external reference depends on the VCC : with VCC = 4V
the clamp operates at about 2V (typ.), while with VCC greater than 5V the maximum external
reference is 2.5V (typ.).
●
VEAREF from 0% to 80% of VCCDR −> External reference
●
VEAREF from 80% to 95% of VCCDR −> VREF = 1.2V
●
VEAREF from 95% to 100% of VCCDR −> VREF = 0.6V
Providing an external reference from 0V to 450mV the output voltage will be regulated but
some restrictions must be considered:
●
The minimum OVP threshold is set at 300mV;
●
The under-voltage-protection doesn’t work;
●
The PGOOD signal remains low;
To set the resistor divider it must be considered that a 100K pull-down resistor is integrated into
the device (see Figure 6.). Finally it must be taken into account that the voltage at the EAREF
pin is captured by the device at the start-up when Vcc is about 4V.
5.5
Error amplifier
Figure 6.
Error amplifier reference
2.5V
100K
EAREF
VCCDR
0.6V
1.2V
EXT
Error Amplifier Ref.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com