Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CQ Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6730CQ
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQ Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6730CQ Datasheet HTML 15Page - STMicroelectronics L6730CQ Datasheet HTML 16Page - STMicroelectronics L6730CQ Datasheet HTML 17Page - STMicroelectronics L6730CQ Datasheet HTML 18Page - STMicroelectronics L6730CQ Datasheet HTML 19Page - STMicroelectronics L6730CQ Datasheet HTML 20Page - STMicroelectronics L6730CQ Datasheet HTML 21Page - STMicroelectronics L6730CQ Datasheet HTML 22Page - STMicroelectronics L6730CQ Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
L6730C - L6730D
Device description
19/50
5.7
Driver section
The high-side and low-side drivers allow using different types of power MOSFETs (also multiple
MOSFETs to reduce the RDS(on)), maintaining fast switching transitions. The low-side driver is
supplied by VCCDR while the high-side driver is supplied by the BOOT pin. A predictive dead
time control avoids MOSFETs cross-conduction maintaining very short dead time duration (see
Figure 10.).
The control monitors the phase node in order to sense the low-side body diode recirculation. If
the phase node voltage is less than a certain threshold (-350mV typ.) during the dead time, it
will be reduced in the next PWM cycle. The predictive dead time control doesn’t work when the
high-side body diode is conducting because the phase node doesn’t go negative. This situation
happens when the converter is sinking current for example and, in this case, an adaptive dead
time control operates.
Figure 10. Dead times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com