Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGMR Datasheet(PDF) 27 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGMR
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGMR Datasheet(HTML) 27 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGMR Datasheet HTML 23Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 24Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 25Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 26Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 27Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 28Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 29Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 30Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 31Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Si53112
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
27
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
Table 25. Si53112 64-Pin QFN Descriptions
Pin #
Name
Type
Description
1VDDA
3.3 V 3.3 V power supply for PLL.
2
GNDA
GND Ground for PLL.
3NC
I/O
No connect.
4
100M_133M
I,SE
3.3 V tolerant inputs for input/output frequency selection. An external pull-
up or pull-down resistor is attached to this pin to select the input/output
frequency.
High = 100 MHz output
Low = 133 MHz output
5
HBW_BYPASS_LBW
I, SE Tri-Level input for selecting the PLL bandwidth or bypass mode.
High = High BW mode
Med = Bypass mode
Low = Low BW mode
6
PWRGD/PWRDN
I
3.3 V LVTTL input to power up or power down the device.
7GND
GND Ground for outputs.
8
VDDR
VDD 3.3 V power supply for differential input receiver. This VDDR should be
treated as an analog power rail and filtered appropriately.
9
CLK_IN
I, DIF 0.7 V Differential input.
10
CLK_IN
I, DIF 0.7 V Differential input.
11
SA_0
I
3.3 V LVTTL input selecting the address. Tri-level input.
12
SDA
I/O
Open collector SMBus data.
13
SCL
I/O
SMBus slave clock input.
14
SA_1
I
3.3 V LVTTL input selecting the address. Tri-level input.
15
NC
I/O
No connect. There are active signals on pin 15 and 16, do not connect
anything to these pins.
16
NC
I/O
No connect. There are active signals on pin 15 and 16, do not connect
anything to these pins.
17
DIF_0
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
18
DIF_0
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
19
OE_0
I, SE 3.3 V LVTTL active low input for enabling differential outputs (default).
Controls the corresponding output pair. Internal pull-down.
20
OE_1
I, SE 3.3 V LVTTL active low input for enabling differential outputs (default).
Controls the corresponding output pair. Internal pull-down.
21
DIF_1
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
22
DIF_1
O, DIF 0.7 V Differential clock outputs. Default is 1:1.
23
GND
GND Ground for outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com