Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGMR Datasheet(PDF) 17 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGMR
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGMR Datasheet(HTML) 17 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGMR Datasheet HTML 13Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 14Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 15Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 16Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 17Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 18Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 19Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 20Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 21Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Si53112
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
17
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
Figure 6. Differential (CLOCK–CLOCK) Measurement Points (Tperiod, Duty Cycle, Jitter)
3.2. Termination of Differential Outputs
All differential outputs are to be tested into a 100
 or 85  differential impedance transmission line. Source
terminated clocks have some inherent limitations as to the maximum trace length and frequencies that can be
supported. For CPU outputs, a maximum trace length of 10” and a maximum of 200 MHz are assumed. For SRC
clocks, a maximum trace length of 16” and maximum frequency of 100 MHz is assumed. For frequencies beyond
200 MHz, trace lengths must be restricted to avoid signal integrity problems.
3.2.1. Termination of Differential NMOS Push-Pull Type Outputs
Figure 7. 0.7 V Configuration Test Load Board Termination for NMOS Push-Pull
Table 16.
Clock
Board Trace Impedance
Rs
Rp
Unit
DIFF Clocks—50
 configuration
100
33+5%
N/A
DIFF Clocks—43
 configuration
85
27+5%
N/A
TPeriod
Low Duty Cycle %
High Duty Cycle %
Skew measurement
point
0.000 V
T-Line
10" Typical
T-Line
10" Typical
Receiver
2 pF
2 pF
Source Terminated
Rs
Rs
Clock
Clock #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com