Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI53112-A00AGMR Datasheet(PDF) 18 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGMR
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGMR Datasheet(HTML) 18 Page - Skyworks Solutions Inc.

Back Button SI53112-A00AGMR Datasheet HTML 14Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 15Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 16Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 17Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 18Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 19Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 20Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 21Page - Skyworks Solutions Inc. SI53112-A00AGMR Datasheet HTML 22Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Si53112
18
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
4. Control Registers
4.1. Byte Read/Write
Reading or writing a register in an SMBus slave device in byte mode always involves specifying the register
number.
4.1.1. Byte Read
The standard byte read is as shown in Figure 8. It is an extension of the byte write. The write start condition is
repeated; then, the slave device starts sending data, and the master acknowledges it until the last byte is sent. The
master terminates the transfer with a NAK, then a stop condition. For byte operation, the 2 x 7th bit of the
command byte must be set. For block operations, the 2 x 7th bit must be reset. If the bit is not set, the next byte
must be the byte transfer count.
Figure 8. Byte Read Protocol
4.1.2. Byte Write
Figure 9 illustrates a simple, typical byte write. For byte operation, the 2 x 7th bit of the command byte must be set.
For block operations, the 2 x 7th bit must be reset. If the bit is not set, the next byte must be the byte transfer count.
The count can be between 1 and 32. It is not allowed to be zero or to exceed 32.
Figure 9. Byte Write Protocol
Slave
T
Wr
A Command
Slave
A
Rd
Data Byte 0 N P
A r
Command
starT
Condition
Byte Read Protocol
Acknowledge
repeat starT
Not ack
stoP
Condition
Register # to
read
2 x 7 bit = 1
17
1 1
8
1 1
7
1
18
1 1
Master to
Slave to
Slave
T
Wr
A Command
Data Byte 0
A
Command
starT Condition
Byte Write Protocol
Acknowledge
Register # to
write
2 x 7 bit = 1
17
1 1
8
1
8
1
1
Master to
Slave to
A P
stoP Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com